Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7109
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7109 Datasheet HTML 3Page - Microchip Technology TC7109 Datasheet HTML 4Page - Microchip Technology TC7109 Datasheet HTML 5Page - Microchip Technology TC7109 Datasheet HTML 6Page - Microchip Technology TC7109 Datasheet HTML 7Page - Microchip Technology TC7109 Datasheet HTML 8Page - Microchip Technology TC7109 Datasheet HTML 9Page - Microchip Technology TC7109 Datasheet HTML 10Page - Microchip Technology TC7109 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2006 Microchip Technology Inc.
DS21456C-page 7
TC7109/A
Note:
All Digital levels are positive true.
30
BUFF
Buffer Amplifier Output.
31
AZ
Auto-Zero Node – Inside foil of CAZ.
32
INT
Integrator Output – Outside foil of CINT.
33
COMMON
Analog Common – System is auto-zeroed to COMMON.
34
IN LO
Differential Input Low Side.
35
IN HI
Differential Input High Side.
36
REF IN+
Differential Reference Input Positive.
37
REF CAP+
Reference Capacitor Positive.
38
REF CAP-
Reference Capacitor Negative.
39
REF IN-
Differential Reference Input Negative.
40
V+
Positive Supply Voltage – Nominally +5V with respect to GND (Pin 1).
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-Pin PDIP)
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com