Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC7109
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC7109 Datasheet HTML 16Page - Microchip Technology TC7109 Datasheet HTML 17Page - Microchip Technology TC7109 Datasheet HTML 18Page - Microchip Technology TC7109 Datasheet HTML 19Page - Microchip Technology TC7109 Datasheet HTML 20Page - Microchip Technology TC7109 Datasheet HTML 21Page - Microchip Technology TC7109 Datasheet HTML 22Page - Microchip Technology TC7109 Datasheet HTML 23Page - Microchip Technology TC7109 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TC7109/A
DS21456C-page 20
© 2006 Microchip Technology Inc.
4.2
Handshake Mode
The Handshake mode provides an interface to a wide
variety of external devices. The byte enables may be
used as byte identification flags, or as load enables,
and external latches may be clocked by the rising edge
of CE/LOAD. A handshake interface to Intel® micropro-
cessors using an 8255 PPI is shown in Figure . The
handshake operation with the 8255 is controlled by
inverting its Input Buffer Full (IBF) flag to drive the
SEND input to the TC7109A, and using the CE/LOAD
to drive the 8255 strobe. The internal control register of
the PPI should be set in MODE 1 for the port used. If
the 8255 IBF flag is LOW and the TC7109A is in Hand-
shake mode, the next word will be strobed into the port.
The strobe will cause IBF to go HIGH (SEND goes
LOW), which will keep the enabled byte outputs active.
The PPI will generate an interrupt which, when
executed, will result in the data being read. The IBF will
be reset LOW when the byte is read, causing the
TC7109A to sequence into the next byte. The MODE
input to the TC7109A is connected to the control line on
the PPI.
The data from every conversion will be sequenced in
two bytes in the system, if this output is left HIGH, or
tied HIGH separately. (The data access must take less
time than a conversion.) The output sequence can be
obtained on demand if this output is made to go from
LOW to HIGH and the interrupt may be used to reset
the MODE bit.
Conversions may be obtained on command under soft-
ware control by driving the RUN/HOLD input to the
TC7109A by a bit of the 8255. Another peripheral
device may be serviced by the unused port of the 8255.
The Handshake mode is particularly useful for directly
interfacing to industry standard UARTs (such as Intersil
HD-6402), providing a means of serially transmitting
converted data with minimum component count.
A typical UART connection is shown in Figure . In this
circuit, any word received by the UART causes the
UART DR (Data Ready) output to go HIGH. The MODE
input to the TC7109A goes HIGH, triggering the
TC7109A into Handshake mode. The high order byte is
output to the UART and when the UART has trans-
ferred the data to the Transmitter register, TBRE
(SEND) goes HIGH again, LBEN will go HIGH, driving
the UART DRR (Data Ready Reset), which will signal
the end of the transfer of data from the TC7109A to the
UART.
An extension of the typical connection to several
TC7109A’s with one UART is shown in Figure 4-7. In
this circuit, the word received by the UART (available at
the RBR outputs when DR is HIGH) is used to select
which converter will handshake with the UART. Up to
eight TC7109A’s may interface with one UART, with no
external components. Up to 256 converters may be
accessed
on
one
serial
line
with
additional
components.
FIGURE 4-6:
TC7109 Typical UART Interface
1
25
2
19
17
18
21
20
27
GND
BUFF OSC OUT
STATUS
HBEN
B1 - B8
TEST
LBEN
MODE
CE/LOAD
SEND
V+
40
39
38
37
36
35
34
33
32
31
30
29
28
26
24
23
22
TC7109A
CLK
Q3
RESET
1
3
4
5–12
13
14
15
16
V
GND
RRD
RBR1–8
PE
FE
OE
SFD
RR1
TRO
TRC
RRC
EPE
CLS1
CLS2
SBS
PI
CRL
*TBR1–8
TRE
DRR
DR
TBRL
TBRE
MR
40
17
39
38
37
36
35
34
24
18
19
23
22
21
HD-640R
CMOS UART
+5V
GND
+5V
GND
25
Serial
Input
20
Serial
Output
15
10
11
GND
GND
+5V
+5V
GND
+5V
-5V
+5V or Open
GND
3.58MHz
Crystal
Analog GND
External
Reference
+
+
–
Input
CAZ
0.33
μF
CINT
0.15
μF
0.01
μF
1M
Ω
1
μF
6
8
3–8
9–16
B9 - B12,
POL, OR
26–33
For lowest power consumption, TBR1-TBR8 inputs should have 100k
Ω pull-up resistors to +5V.
Send any word to UART to transmit latest result.
RINT 20kΩ
100k
Ω
0.2VREF
1VREF
CD4060B
REF IN-
REF CAP-
REF CAP+
REF IN+
IN HI
IN LO
COM
INT
AZ
REF OUT
BUFF
V-
RUN/HOLD
OSC SEL
OSC OUT
OSC IN
8
–
*Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com