Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC7109
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC7109 Datasheet HTML 12Page - Microchip Technology TC7109 Datasheet HTML 13Page - Microchip Technology TC7109 Datasheet HTML 14Page - Microchip Technology TC7109 Datasheet HTML 15Page - Microchip Technology TC7109 Datasheet HTML 16Page - Microchip Technology TC7109 Datasheet HTML 17Page - Microchip Technology TC7109 Datasheet HTML 18Page - Microchip Technology TC7109 Datasheet HTML 19Page - Microchip Technology TC7109 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TC7109/A
DS21456C-page 16
© 2006 Microchip Technology Inc.
3.5.6
REFERENCE SOURCES
A major factor in the absolute accuracy of the ADC is
the stability of the reference voltage. The 12-bit resolu-
tion of the TC7109A is one part in 4096, or 244 ppm.
Thus, for the on-board reference temperature coeffi-
cient of 70ppm/°C, a temperature difference of 3°C will
introduce a one-bit absolute error. Where the ambient
temperature is not controlled, or where high accuracy
absolute
measurements
are
being
made,
it
is
recommended that an external high quality reference
be used.
A reference output (Pin 29) is provided, which may be
used with a resistive divider to generate a suitable ref-
erence voltage (20mA may be sunk without significant
variation in output voltage). A pull-up bias device is pro-
vided, which sources about 10
μA. The output voltage is
nominally 2.8V below V+. When using the on-board
reference, REF OUT (Pin 29) should be connected to
REF IN- (pin 39), and REF IN+ should be connected to
the wiper of a precision potentiometer between REF
OUT and V+. The test circuit shows the circuit for a
204.8mV reference, generated by a 2k
Ω precision
potentiometer in series with a 24k
Ω fixed resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com