Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911ACOA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC911ACOA
Description  Monolithic Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911ACOA Datasheet(HTML) 1 Page - Microchip Technology

  TC911ACOA Datasheet HTML 1Page - Microchip Technology TC911ACOA Datasheet HTML 2Page - Microchip Technology TC911ACOA Datasheet HTML 3Page - Microchip Technology TC911ACOA Datasheet HTML 4Page - Microchip Technology TC911ACOA Datasheet HTML 5Page - Microchip Technology TC911ACOA Datasheet HTML 6Page - Microchip Technology TC911ACOA Datasheet HTML 7Page - Microchip Technology TC911ACOA Datasheet HTML 8Page - Microchip Technology TC911ACOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2005 Microchip Technology Inc.
DS21481C-page 1
TC911A/TC911B
Features
• First Monolithic Chopper-Stabilized Amplifier with
On-Chip Nulling Capacitors
• Low Offset Voltage: 5
μV
• Low Offset Voltage Drift: 0.05µV/°C
• Low Supply Current: 350
μA
• High Common-Mode Rejection: 116dB
• Single Supply Operation: 4.5V to 16V
• High Slew Rate: 2.5V/
μsec
• Wide Bandwidth: 1.5MHz
• High Open-Loop Voltage Gain: 120dB
• Low Input Noise Voltage: 0.65
μVP-P
(0.1Hz to 1Hz)
• Pin Compatible With ICL7650
• Lower System Parts Count
Applications
• Instrumentation
• Portable/Battery Powered
• Embedded Control
• Temperature Sensor Amplifier
• Strain Gage Amplifier
Package Type
Device Selection Table
Part
Number
Package
Temperature
Range
Offset
Voltage
TC911ACOA 8-Pin SOIC
0°C to +70°C
15
μV
TC911ACPA
8-Pin PDIP
0°C to +70°C
15
μV
TC911BCOA 8-Pin SOIC
0°C to +70°C
30
μV
TC911BCPA
8-Pin PDIP
0°C to +70°C
30
μV
1
2
3
4
8
7
6
5
Output
NC
+ Input
TC911ACPA
TC911BCPA
- Input
NC
NC
V
SS
V
SS
VDD
VDD
NC = No Internal Connection
1
2
3
4
8
7
6
5
Output
NC
+ Input
TC911ACOA
TC911BCOA
- Input
NC
NC
8-Pin SOIC
8-Pin PDIP
Monolithic Auto-Zeroed Operational Amplifiers
Obsolete Device


Similar Part No. - TC911ACOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911ACOA TELCOM-TC911ACOA Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911ACOA MICROCHIP-TC911ACOA Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
More results

Similar Description - TC911ACOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
logo
Analog Devices
PM156A AD-PM156A_15 Datasheet
302Kb / 6P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com