Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 24Page - Analog Devices AD9956/PCB Datasheet HTML 25Page - Analog Devices AD9956/PCB Datasheet HTML 26Page - Analog Devices AD9956/PCB Datasheet HTML 27Page - Analog Devices AD9956/PCB Datasheet HTML 28Page - Analog Devices AD9956/PCB Datasheet HTML 29Page - Analog Devices AD9956/PCB Datasheet HTML 30Page - Analog Devices AD9956/PCB Datasheet HTML 31Page - Analog Devices AD9956/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9956
Rev. B | Page 30 of 32
CFR2<28:26> Clock Driver Falling Edge Control
These bits control the slew rate of the CML clock driver out-
put’s falling edge. When these bits are on, additional current is
sent to the output driver to increase the rising edge slew rate
capability. Table 7 describes how the bits increase the current;
the contributions of each bit are cumulative. Note that the addi-
tional current is on only during the rising edge of the wave-
form, for approximately 250 ps, but not on during the entire
transition.
Table 7. CML Clock Drive Falling Edge Slew Rate
Control Bits and Associated Surge Current
CFR2<28> = 1
5.4 mA
CFR2<30> = 1
2.7 mA
CFR2<29> = 1
1.35 mA
CFR2<25> PLL_LOCK_DETECT Enable
This bit enables the PLL_LOCK/SYNC_IN pin as a lock detect
output for the PLL.
CFR2<25> = 0 (default).The PLL_LOCK_DETECT signal is
disabled.
CFR2<25> = 1. The PLL_LOCK_DETECT signal is enabled.
CFR2<24> PLL_LOCK_DETECT Mode
This bit toggles the modes of the PLL_LOCK_DETECT func-
tion. The lock detect can either be a status indicator (locked or
unlocked), or it can indicate a lead-lag relationship between the
two phase frequency detector inputs.
CFR2<24> = 0 (default). The lock detect acts as a status indica-
tor (PLL is locked 0 or unlocked 1).
CFR2<24> = 1. The lock detect acts as a lead/lag indicator. A
1 on the PLL_LOCK pin means that the PLLOSC pin lags the
reference. A 0 means that the PLLOSC pin leads the reference.
CFR2<23> RF Divider Power-Down
This bit powers the RF divider down to save power when not in
used.
CFR2<23> = 0 (default). RF divider is on.
CFR2<23> = 1. RF divider is powered down and an alternate
path between the REFCLK inputs and SYSCLK is enabled.
CFR2<22:21> RF Divider Ratio
These two bits control the RF divider ratio (÷R).
CFR2<22:21> = 11 (default). RF Divider R = 8.
CFR2<22:21> = 10. RF Divider R= 4.
CFR2<22:21> = 01. RF Divider R = 2.
CFR2<22:21> = 00. RF Divider R = 1. Note that this is not the
same as bypassing the RF divider.
CFR2<20> Clock Driver Power-Down
This bit powers down the CML clock driver circuit.
CFR2<20> =1 (default). CML clock driver circuit is powered
down.
CFR2<20> = 0. CML clock driver is powered up.
CFR2<19:18> Clock Driver Input Select
These bits control the mux on the input for the CML clock driver.
CFR2<19:18> = 00. The CML clock driver is disconnected from
all inputs (and does not toggle).
CFR2<19:18> = 01. The CML clock driver is driven by the
PLLOSC input pin.
CFR2<19:18> = 10 (default). The CML clock driver is driven by
the output of the RF divider.
CFR2<19:18> = 11. The CML clock driver is driven by the in-
put of the RF divider
CFR2<17> Slew Rate Control Bit
Even without the additional surge current supplied by the ris-
ing edge slew rate control bits and the falling edge slew rate
control bits, the device applies a default 7.6 mA surge current to
the rising edge and a 4.05 mA surge current to the falling edge.
This bit disables all slew rate enhancement surge current, in-
cluding the default values.
CFR2<17> = 0 (default). The CML driver applies default surge
current to rising and falling edges.
CFR2<17> = 1. Driver applies no surge current during transi-
tions. The only current is the continuous current.
CFR2<16> RF Divider SYSCLK Mux Bit
This bit toggles the mux to control whether the RF divider out-
put or input is supplying SYSCLK to the device.
CFR2<16> = 0 (default). The RF divider output supplies the
DDS SYSCLK.
CFR2<16> = 1. The RF divider input supplies the DDS SYS-
CLK (bypass the divider). Note that regardless of the condition
of the configuration of the clock input, the DDS SYSCLK must
not exceed the maximum rated clock speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com