Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 3Page - Analog Devices AD9956/PCB Datasheet HTML 4Page - Analog Devices AD9956/PCB Datasheet HTML 5Page - Analog Devices AD9956/PCB Datasheet HTML 6Page - Analog Devices AD9956/PCB Datasheet HTML 7Page - Analog Devices AD9956/PCB Datasheet HTML 8Page - Analog Devices AD9956/PCB Datasheet HTML 9Page - Analog Devices AD9956/PCB Datasheet HTML 10Page - Analog Devices AD9956/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9956
Rev. B | Page 7 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Latencies/Pipeline Delays7
I/O Update to DAC Frequency Change
33
SYSCLK Cycles
I/O Update to DAC Phase Change
33
SYSCLK Cycles
PS<2:0> to DAC Frequency Change
29
SYSCLK Cycles
PS<2:0> to DAC Phase Change
29
SYSCLK Cycles
I/O Update to CP_OUT Scaler Change
4
SYSCLK Cycles
I/O Update to Frequency Accumulator
Step Size Change
4
SYSCLK Cycles
I/O Update to Frequency Accumulator
Ramp Rate Change
4
SYSCLK Cycles
RF DIVIDER/CML DRIVER EQUIVALENT
INTRINSIC TIME JITTER
FIN = 414.72 MHz, FOUT = 51.84 MHz
BW = 12 kHz −> 400 kHz
136
fS rms
OC1, RF Divider R = 8
FIN = 1244.16 MHz, FOUT = 155.52 MHz
BW = 12 kHz −> 1.3 MHz
101
fS rms
OC3, RF Divider R = 8
FIN = 2488.32 MHz, FOUT = 622.08 MHz
BW = 12 kHz −> 5 MHz
108
fS rms
OC12, RF Divider R = 4
RF DIVIDER/CML DRIVER RESIDUAL PHASE NOISE
FIN = 157.6 MHz, FOUT = 19.7 MHz
RF Divider R = 8
@ 10 Hz
−115
dBc/Hz
@ 100 Hz
−126
dBc/Hz
@ 1 kHz
−134
dBc/Hz
@ 10 kHz
−143
dBc/Hz
@ 100 kHz
−150
dBc/Hz
> 1 MHz
−151
dBc/Hz
FIN = 1240 MHz, FOUT = 155 MHz
RF Divider R = 8
@ 10 Hz
−111
dBc/Hz
@ 100 Hz
−122
dBc/Hz
@ 1 kHz
−129
dBc/Hz
@ 10 kHz
−138
dBc/Hz
@ 100 kHz
−146
dBc/Hz
@ 1 MHz
−150
dBc/Hz
>3 MHz
−153
dBc/Hz
FIN = 2488MHz, FOUT = 622 MHz
RF Divider R = 4
@ 10 Hz
−97
dBc/Hz
@ 100 Hz
−110
dBc/Hz
@ 1 kHz
−120
dBc/Hz
@ 10 kHz
−126
dBc/Hz
@ 100 kHz
−136
dBc/Hz
@ 1 MHz
−141
dBc/Hz
>3 MHz
−144
dBc/Hz
TOTAL SYSTEM TIME JITTER FOR 622 MHz CLOCK
See the Loop Measurement Condi-
tions section
12 kHz to 5 MHz Bandwidth
0.7
ps rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com