Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 2Page - Analog Devices AD9956/PCB Datasheet HTML 3Page - Analog Devices AD9956/PCB Datasheet HTML 4Page - Analog Devices AD9956/PCB Datasheet HTML 5Page - Analog Devices AD9956/PCB Datasheet HTML 6Page - Analog Devices AD9956/PCB Datasheet HTML 7Page - Analog Devices AD9956/PCB Datasheet HTML 8Page - Analog Devices AD9956/PCB Datasheet HTML 9Page - Analog Devices AD9956/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9956
Rev. B | Page 6 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
160 MHz Analog Out (±1 MHz)
−81
dBc
160 MHz Analog Out (±250 kHz)
−83
dBc
160 MHz Analog Out (±50 kHz)
−85
dBc
DAC Residual Phase Noise
19.7 MHz FOUT
@ 10 Hz Offset
125
dBc/Hz
@ 100 Hz Offset
135
dBc/Hz
@ 1 kHz Offset
143
dBc/Hz
@ 10 kHz Offset
152
dBc/Hz
@ 100 kHz Offset
158
dBc/Hz
>1 MHz Offset
163
dBc/Hz
51.84 MHz FOUT
@ 10 Hz Offset
119
dBc/Hz
@ 100 Hz Offset
125
dBc/Hz
@ 1 kHz Offset
132
dBc/Hz
@ 10 kHz Offset
142
dBc/Hz
@ 100 kHz Offset
150
dBc/Hz
>1 MHz Offset
155
dBc/Hz
105.3 MHz Analog Out
@ 10 Hz Offset
105
dBc/Hz
@ 100 Hz Offset
115
dBc/Hz
@ 1 kHz Offset
122
dBc/Hz
@ 10 kHz Offset
131
dBc/Hz
@ 100 kHz Offset
139
dBc/Hz
>1 MHz Offset
142
dBc/Hz
155.52 MHz Analog Out
@ 10 Hz Offset
105
dBc/Hz
@ 100 Hz Offset
110
dBc/Hz
@ 1 kHz Offset
119
dBc/Hz
@ 10 kHz Offset
127
dBc/Hz
@ 100 kHz Offset
135
dBc/Hz
>1 MHz Offset
142
dBc/Hz
CRYSTAL OSCILLATOR (ON PLLREF INPUT)
Operating Range
20
25
30
MHz
Residual Phase Noise (@ 25 MHz)
@ 10 Hz Offset
95
dBc/Hz
@ 100 Hz Offset
120
dBc/Hz
@ 1 kHz Offset
137
dBc/Hz
@ 10 kHz Offset
156
dBc/Hz
@ 100 kHz Offset
164
dBc/Hz
>1 MHz Offset
170
dBc/Hz
DIGITAL TIMING SPECIFICATIONS
CS to SCLK Setup Time TPRE
6
ns
Period of SCLK (Write Speed) TSCLKW
40
ns
Period of SCLK (Read Speed) TSCLKR
400
ns
Serial Data Setup Time TDSU
6.5
ns
Serial Data Hold Time TDHLD
0
ns
TDV Data Valid Time TDV
40
ns
I/O Update to SYNC_CLK Setup Time TUD
7
ns
PS<2:0> to SYNC_CLK Setup Time TPS
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com