Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 16Page - Analog Devices AD9956/PCB Datasheet HTML 17Page - Analog Devices AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices AD9956/PCB Datasheet HTML 20Page - Analog Devices AD9956/PCB Datasheet HTML 21Page - Analog Devices AD9956/PCB Datasheet HTML 22Page - Analog Devices AD9956/PCB Datasheet HTML 23Page - Analog Devices AD9956/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9956
Rev. B | Page 20 of 32
MODES OF OPERATION
DDS MODES OF OPERATION
Single-Tone Mode
This is the default mode of operation for the DDS core. The
phase accumulator runs at a fixed frequency, as per the active
profile’s tuning word. Likewise, any phase offset applied to the
signal is a static value, which comes from the phase offset word
of the active profile. The device has eight different
phase/frequency profiles, each with its own 48-bit frequency
tuning word and 14-bit phase offset word. Profiles are selected
by applying their digital value on the profile-select pins (PS2,
PS1, and PS0). It is impossible to use the phase offset of one
profile and the frequency tuning word of another.
Linear Sweep Mode
This mode is entered by setting the linear sweep enable bit in
the control register (CFR1<17> = 1) but leaving the linear
sweep no dwell bit clear (CFR1<16> = 0). When the part is in
linear sweep mode, the frequency accumulator ramps the
output frequency of the device from a programmed lower
frequency to a programmed upper frequency or from the upper
frequency to the lower frequency. The lower frequency is set by the
frequency tuning word stored in Profile 0, and the upper frequency
is set by the frequency tuning word stored in Profile 1.
The combinational logic within the frequency accumulator
requires that the value stored at FTW0 must always be less than
the value stored in FTW. The direction of the sweep (sweep up
to FTW1, sweep down to FTW0) is controlled by the PS0 pin.
A high state on this pin tells the part to sweep up to FTW1. A
low state on this pin tells the part to sweep down to FTW0. The
frequency accumulator requires four values, which are stored in
the register map. First, it requires an incremental frequency
value that tells the frequency accumulator how big of a fre-
quency step to take each time it takes a step when ramping up.
This value is stored in the rising delta frequency tuning word
(RDFTW). The second value required is the rate at which the
frequency accumulator should increment, that is, how often it
should take a step. This value is stored in the rising sweep ramp
rate word (RSRR). The RSRR value specifies the number of
SYNC_CLK cycles the frequency accumulator should count
between steps. The third and fourth values are the falling ramp
equivalents, the falling delta frequency tuning word (FDFTW)
and the falling sweep ramp rate (FSRR).
When operating in the linear sweep default mode, combina-
tional logic ensures that the part never ramps up past FTW1,
even if the next RDFTW increments the frequency past FTW1.
Once it reaches FTW1, as long as the PS0 pin stays high, the
frequency remains at FTW1. Likewise, the internal logic en-
sures that the part never ramps down past FTW0, even if the
next RDFTW increments the frequency past FTW0. During a
sweep down (PS0 = 0), once the part reaches FTW0, as long as
the PS0 pin stays low, the frequency remains at FTW0.
If a sweep is interrupted and the state of the PS0 pin is changed
during the midst of a sweep, the part begins sweeping in the
new direction at the rate dictated by the relevant delta frequen-
cy tuning word and sweep ramp rate word. For example, if the
part is programmed to sweep from 100 MHz to 140 MHz and
to take 1 kHz steps every 1000 sync clock cycles (rising and
falling sweep words are the same), it would take four seconds to
complete a sweep. If the PS0 has been low for a very long time
(more than four seconds), changing the PS0 pin to high starts a
sweep up to 140 MHz. If after two seconds (not enough time
for a full sweep in this example) the PS0 pin is brought low
again, the part begins sweeping down from the current value,
roughly 120 MHz.
Linear Sweep No Dwell Mode
This mode is entered by setting the linear sweep enable bit and
the linear sweep no dwell bit in the control register
(CFR<17:16> =1). When the part is in linear sweep no dwell
mode, the frequency accumulator ramps the output frequency
of the device from a programmed lower frequency to a pro-
grammed upper frequency. Upon reaching the upper frequen-
cy, the accumulator returns to the lower frequency directly,
without ramping back down. Unlike the default mode of the
linear sweep, this mode uses only the rising delta frequency
tuning word (RDFTW) and the rising sweep ramp rate (RSRR).
The operation is still controlled by the PS0 pin. In this mode,
however, it acts as a trigger for the sweep, not a direction bit.
Once a PS0 low-to-high transition is detected, the part com-
pletes the entire sweep, regardless of whether or not the PS0 pin
is changed back to low during the sweep. After the sweep is
completed, another sweep may be initiated by applying another
rising edge on the PS0 pin. This means that the PS0 pin needs
to be brought low prior to the next sweep.
SYNCHRONIZATION MODES FOR MULTIPLE DEVICES
In a DDS system, the SYNC_CLK is derived internally off the
master system clock, SYSCLK, with a ÷4 divider. Because the
divider does not power up to a known state, it is possible for
multiple devices in a system to have staggered clock-phase
relationships. This is because each device could potentially gen-
erate the SYNC_CLK rising edge from any one of four rising
edges of SYSCLK. This ambiguity can be resolved by employing
digital synchronization logic to control the phase relationships
of the derived clocks among different devices in the system. It is
important to note that the synchronization functions included
on the AD9956 control only the timing relationships among
different digital clocks. They do not compensate for the analog
timing skew on the system clock due to mismatched phase
relationships on the input clock, REFCLK. Figure 28 illustrates
this concept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com