Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8N08A-R-A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BM8N08A-R-A
Description  NPN SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BM8N08A-R-A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BM8N08A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:202008A
1/6
NPN 硅晶体管
NPN SILICON TRANSISTORS
BM8N08A
订 货 型 号 Order codes
Marking
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen
Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen
Free-Reel
N/A
N/A
BM8N08A -R-A
N/A
BM8N08A
DPAK
N/A
N/A
BM8N08A -NC-A
N/A
8N08A
SOT-223
用途
 分流和开关稳压器
 工作频率从直流到大于 1MHz 的放大器
的输出和驱动
 低频和高频逆变器/转换器
封装 Package
APPLICATIONS
 shunt and switching regulators
 output and driver stages of amplifiers operating at
frequencies from DC to greater than 1MHz
 low and high frequency inverters/converters
产品特性
 高电流容量
 高可靠性
 环保(RoHS)产品
FEATURES
 High current capability
 High reliability
 RoHS product
订货信息 ORDER MESSAGE
DPAK
SOT-223


Similar Part No. - BM8N08A-R-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM80-12 ETC1-BM80-12 Datasheet
139Kb / 3P
LAND MOBILE
logo
Shenzhen Bencent Electr...
BM801M BENCENT-BM801M Datasheet
274Kb / 3P
Low Capacitance and Insertion Loss
BM801M BENCENT-BM801M Datasheet
304Kb / 3P
Gas Discharge Tube
BM801M BENCENT-BM801M_16 Datasheet
304Kb / 3P
Gas Discharge Tube
logo
Sumida Corporation
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
More results

Similar Description - BM8N08A-R-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com