Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8N08A-R-A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BM8N08A-R-A
Description  NPN SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BM8N08A-R-A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BM8N08A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
BM8N08A
版本:202008A
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
电特性 ElECTRICAL CHARACTERISTIC
* Pulse Test: Pulse Width ≤380us, Duty Cycle≤2%
热特性 THERMAL CHARACTERISTIC
Parameter
符 号
Symbol
最大值
Value(max)
Unit
结到管壳的热阻 SOT-223
Thermal Resistance Junction Ambient SOT-223
Rth(j-a)
25
℃/W
结到管壳的热阻 DPAK
Thermal Resistance Junction Case DPAK
Rth(j-c)
6.25
℃/W
Parameter
符 号
Symbol
数 值
Value
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage(VBE=0)
VCES
80
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
80
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极直流电流
Collector Current(DC)
IC
8
A
最大基极直流电流
Base Current(DC)
IB
5
A
最大集电极耗散功率
Total Dissipation (SOT-223)
PC
5
W
最大集电极耗散功率
Total Dissipation (DPAK)
PC
20
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
BVCEO
IC=30mA ,IB=0
80
-
-
V
BVCES
IC=1 mA ,IE=0
80
-
-
V
BVEBO
IE=1 mA ,IC=0
5
-
-
V
ICES
VCB=80V,
VEB=0
-
-
10
uA
IEBO
VEB=5V, IC=0
-
-
50
uA
hFE(1)
VCE =1V,
IC=2A
60
-
-
hFE(2)
VCE =1V,
IC=4A
40
-
-
VCE(sat)
IC=8A,
IB=0.4A
-
-
1.0
V
VBE(sat)
IC=8A,
IB=0.8A
-
-
1.5
V
COB
VCB=10V
-
130
-
pF
fT
VCE =10V, IC=500A,f=20MHz
-
50
-
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com