Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8N08A-R-A Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BM8N08A-R-A
Description  NPN SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BM8N08A-R-A Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BM8N08A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R
BM8N08A
版本:202008A
3/5
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
hFE – IC
IF vs VF
PC-TC
IF(AV) vs TC
VCE=1V
Ic(A)
VCE(sat)- IC
1
10
100
1000
0.01
0.1
1
10
IC/IB=20
Ic(A)
VCE(sat)- IC
1
10
100
1000
10000
0.1
1
10
IC/IB=10
Ic(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com