Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8N08A-R-A Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BM8N08A-R-A
Description  NPN SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BM8N08A-R-A Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BM8N08A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BM8N08A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
BM8N08A
版本:202008A
4/5
外形尺寸 PACKAGE MECHANICAL DATA
DPAK
单位 Unit :mm
符号
尺寸(mm)
A
2.16-2.41
A1
0.97-1.17
A2
0.00-0.15
b
0.63-0.93
b1
5.13-5.53
b2
0.66-0.96
c
0.40-0.60
D
5.80-6.40
E
6.30-6.90
e
2.286BSC
L
2.50-3.30
L1
1.20-1.80
L2
0.60-1.00
L3
0.85-1.30
SOT-223
单位 Unit :mm
符号
尺寸(mm)
A
6.65-7.25
A1
3.30-3.70
B
6.20-6.60
B1
2.80-3.20
C
0.64-0.84
D
2.20-2.40
D1
4.40-4.80
E
1.40-1.80
E1
1.40-1.95
E2
0.00-0.15
G
0.23-0.37
H
0.18-0.32
L
0.70-1.20
L1
0.80MAX
θ
10°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com