Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 9Page - STMicroelectronics M41T60 Datasheet HTML 10Page - STMicroelectronics M41T60 Datasheet HTML 11Page - STMicroelectronics M41T60 Datasheet HTML 12Page - STMicroelectronics M41T60 Datasheet HTML 13Page - STMicroelectronics M41T60 Datasheet HTML 14Page - STMicroelectronics M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M41T60
Clock operation
13/24
Figure 12. Calibration waveform
3.2
Century bits
These two bits will increment in a binary fashion at the turn of the century, and handle leap
years correctly. See Table 3 on page 14 for additional explanation.
3.3
Output driver pin
When the OFIE Bit is not set to generate an interrupt, the OFIRQ/OUT pin becomes an
output driver that reflects the contents of D7 of the Calibration Register. In other words,
when D7 (OUT Bit) is a '0,' then the OFIRQ/OUT pin will be driven low.
Note:
The OFIRQ/OUT pin is an open drain which requires an external pull-up resistor.
3.4
Oscillator stop detection
In the event that the oscillator has either stopped, or was stopped for some period of time,
and if the Oscillator Fail Interrupt Enable (OFIE) Bit is set to a '1,' an interrupt will be
generated. This interrupt can be used to judge the validity of the clock and date data.
The interrupt will be active any time the oscillator stops while VCC is ≥ 1.0V. The following
conditions will cause the OFIRQ pin to be active:
the ST Bit is set to '1.'
external interference or removal of the crystal.
The Oscillator Fail Interrupt (OFIRQ) will remain active until the OFIE Bit is reset to '0,' or the
oscillator restarts.
The oscillator must start and have run for at least 4 seconds before attempting to set the
OFIE Bit to '1.'
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com