Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 14Page - STMicroelectronics M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics M41T60 Datasheet HTML 18Page - STMicroelectronics M41T60 Datasheet HTML 19Page - STMicroelectronics M41T60 Datasheet HTML 20Page - STMicroelectronics M41T60 Datasheet HTML 21Page - STMicroelectronics M41T60 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DC and AC parameters
M41T60
18/24
Figure 15. Bus timing requirements sequence
Note:
P = STOP and S = START
Table 9. Oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSTA
Oscillator Start Voltage
≤10 seconds
1.5
V
tSTA
Oscillator Start Time
VCC = 3.0V
1
s
Cg
XIN
12
pF
Cd
XOUT
12
pF
IC-to-IC Frequency Variation (1)
1.
Reference value. TA = 25°C, VCC = 3.0V, CMJ-145 (CL = 6pF, 32,768Hz) manufactured by Citizen.
–10
+10
ppm
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P
Table 10. AC characteristics
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.3 to 4.4V (except where noted).
Min
Typ
Max
Unit
fSCL
SCL Clock Frequency
0
400
kHz
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
600
ns
tR
SDA and SCL Rise Time
300
ns
tF
SDA and SCL Fall Time
300
ns
tHD:STA
START Condition Hold Time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START Condition Setup Time
(only relevant for a repeated start condition)
600
ns
tSU:DAT
Data Setup Time
100
ns
tHD:DAT
(2)
2.
Transmitter must internally provide a hold time to bridge the undefined region (300ns max.) of the falling
edge of SCL.
Data Hold Time
0
µs
tSU:STO STOP Condition Setup Time
600
ns
tBUF
Time the bus must be free before a new transmission
can start
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com