Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics M41T60 Datasheet HTML 18Page - STMicroelectronics M41T60 Datasheet HTML 19Page - STMicroelectronics M41T60 Datasheet HTML 20Page - STMicroelectronics M41T60 Datasheet HTML 21Page - STMicroelectronics M41T60 Datasheet HTML 22Page - STMicroelectronics M41T60 Datasheet HTML 23Page - STMicroelectronics M41T60 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
M41T60
22/24
7
Part numbering
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Table 12. Ordering Information Scheme
Example:
M41T
60
Q
6
F
Device Family
M41T
Device Type and Supply Voltage
60 = VCC = 1.3 to 4.4V
Package
Q = QFN16 (3mm x 3mm)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = Lead-Free Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com