Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T60 Datasheet HTML 1Page - STMicroelectronics M41T60 Datasheet HTML 2Page - STMicroelectronics M41T60 Datasheet HTML 3Page - STMicroelectronics M41T60 Datasheet HTML 4Page - STMicroelectronics M41T60 Datasheet HTML 5Page - STMicroelectronics M41T60 Datasheet HTML 6Page - STMicroelectronics M41T60 Datasheet HTML 7Page - STMicroelectronics M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M41T60
Operation
5/24
2
Operation
The M41T60 clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 8 bytes
contained in the device can then be accessed sequentially in the following order:
1.
Seconds Register
2.
Minutes Register
3.
Hours Register
4.
Day Register
5.
Date Register
6.
Century/Month Register
7.
Years Register
8.
Calibration Register
2.1
2-wire bus characteristics
This bus is intended for communication between different ICs. It consists of two lines: one
bi-directional for data signals (SDA) and one for clock signals (SCL). Both the SDA and the
SCL lines must be connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is High.
Changes in the data line while the clock line is High will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.1.1
Bus not busy
Both data and clock lines remain High.
2.1.2
Start data transfer
A change in the state of the data line, from High to Low, while the clock is High, defines the
START condition.
2.1.3
Stop data transfer
A change in the state of the data line, from Low to High, while the clock is High, defines the
STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com