Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646B Datasheet(PDF) 33 Page - Microchip Technology

Part # TC646B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646B Datasheet(HTML) 33 Page - Microchip Technology

Back Button TC646B Datasheet HTML 28Page - Microchip Technology TC646B Datasheet HTML 29Page - Microchip Technology TC646B Datasheet HTML 30Page - Microchip Technology TC646B Datasheet HTML 31Page - Microchip Technology TC646B Datasheet HTML 32Page - Microchip Technology TC646B Datasheet HTML 33Page - Microchip Technology TC646B Datasheet HTML 34Page - Microchip Technology TC646B Datasheet HTML 35Page - Microchip Technology TC646B Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2003 Microchip Technology Inc.
DS21755B-page 33
TC646B/TC648B/TC649B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC646B: PWM Fan Speed Controller with Fan
Restart, Auto-Shutdown, Fan Fault and
Over-Temp Detection
TC648B: PWM Fan Speed Controller with Auto-
Shutdown and Over-Temp Detection
TC649B: PWM Fan Speed Controller with Fan
Restart, Auto-Shutdown and Fan Fault
Detection
Temperature
Range:
E
= -40°C to +85°C
Package:
OA = Plastic SOIC, (150 mil Body), 8-lead
PA = Plastic DIP (300 mil Body), 8-lead
UA = Plastic Micro Small Outline (MSOP), 8-lead
713 = Tape and Reel (SOIC and MSOP)
(TC646B and TC648B only)
TR = Tape and Reel (SOIC and MSOP) (TC649B
only)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TC646BEOA: SOIC package.
b)
TC646BEOA713: Tape and Reel,
SOIC package.
c)
TC646BEPA: PDIP package.
d)
TC646BEUA: MSOP package.
a)
TC648BEOA: SOIC package.
b)
TC648BEPA: PDIP package.
c)
TC648BEUA: MSOP package.
d)
TC648BEUA713: Tape and Reel,
MSOP package.
a)
TC649BEOA: SOIC package.
b)
TC649BEOATR: Tape and Reel,
SOIC package.
c)
TC649BEPA: PDIP package.
d)
TC649BEUA: MSOP package
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com