Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646B Datasheet(PDF) 8 Page - Microchip Technology

Part # TC646B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646B Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC646B Datasheet HTML 4Page - Microchip Technology TC646B Datasheet HTML 5Page - Microchip Technology TC646B Datasheet HTML 6Page - Microchip Technology TC646B Datasheet HTML 7Page - Microchip Technology TC646B Datasheet HTML 8Page - Microchip Technology TC646B Datasheet HTML 9Page - Microchip Technology TC646B Datasheet HTML 10Page - Microchip Technology TC646B Datasheet HTML 11Page - Microchip Technology TC646B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TC646B/TC648B/TC649B
DS21755B-page 8
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = 5V, TA = 25°C.
FIGURE 2-7:
FAULT / OTF VOL vs.
Temperature.
FIGURE 2-8:
VC(MAX) vs. Temperature.
FIGURE 2-9:
VC(MIN) vs. Temperature.
FIGURE 2-10:
Sense Threshold
(VTH(SENSE)) vs. Temperature.
FIGURE 2-11:
FAULT / OTF IOL vs. VOL.
FIGURE 2-12:
PWM Source Current (IOH)
vs. Temperature.
10
20
30
40
50
60
70
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
IOL = 2.5 mA
VDD = 3.0V
VDD = 5.5V
VDD = 5.0V
VDD = 4.0V
2.570
2.580
2.590
2.600
2.610
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 5.0V
VDD = 5.5V
VDD = 3.0V
CF = 1 µF
1.180
1.190
1.200
1.210
1.220
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 5.0V
VDD = 3.0V
CF = 1 µF
69.5
70.0
70.5
71.0
71.5
72.0
72.5
73.0
73.5
74.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 3.0V
VDD = 4.0V
VDD = 5.5V
VDD = 5.0V
0
2
4
6
8
10
12
14
16
18
20
22
0
50
100
150
200
250
300
350
400
VOL (mV)
VDD = 5.5V
VDD = 3.0V
VDD = 4.0V
VDD = 5.0V
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 5.5V
VDD = 5.0V
VDD = 4.0V
VDD = 3.0V
VOH = 0.8VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com