Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646B Datasheet(PDF) 17 Page - Microchip Technology

Part # TC646B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646B Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC646B Datasheet HTML 13Page - Microchip Technology TC646B Datasheet HTML 14Page - Microchip Technology TC646B Datasheet HTML 15Page - Microchip Technology TC646B Datasheet HTML 16Page - Microchip Technology TC646B Datasheet HTML 17Page - Microchip Technology TC646B Datasheet HTML 18Page - Microchip Technology TC646B Datasheet HTML 19Page - Microchip Technology TC646B Datasheet HTML 20Page - Microchip Technology TC646B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2003 Microchip Technology Inc.
DS21755B-page 17
TC646B/TC648B/TC649B
FIGURE 4-10:
TC648B Behavioral Algorithm.
VAS = 0V
VIN < VAS?
Auto-
Shutdown
VOUT = 0
Yes
No
No
Yes
Power-Up
Power-on
Reset
OTF = 1
VIN >
(VAS+ VHAS)
Yes
No
Fire Start-up
Timer
(1 sec)
VIN > 1.20V
VOUT
Proportional
to VIN
VIN > VOTF?
Auto
Shutdown
VOUT = 0
No
No
Yes
Normal
Operation
VOUT = 0
No
Yes
Yes
Minimum
Speed Mode
Normal
Operation
OTF = 1
OTF = 0
VIN < VAS?
Minimum
Speed Mode
VIN = 0V
Power-Up
VIN > 1.20V
VOUT
Proportional
to VIN
VIN > VOTF?
No
Yes
OTF = 1
OTF = 0
VOUT = 0
Yes
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com