Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646B Datasheet(PDF) 15 Page - Microchip Technology

Part # TC646B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646B Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC646B Datasheet HTML 11Page - Microchip Technology TC646B Datasheet HTML 12Page - Microchip Technology TC646B Datasheet HTML 13Page - Microchip Technology TC646B Datasheet HTML 14Page - Microchip Technology TC646B Datasheet HTML 15Page - Microchip Technology TC646B Datasheet HTML 16Page - Microchip Technology TC646B Datasheet HTML 17Page - Microchip Technology TC646B Datasheet HTML 18Page - Microchip Technology TC646B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2003 Microchip Technology Inc.
DS21755B-page 15
TC646B/TC648B/TC649B
The SENSE pin senses positive voltage pulses that
have an amplitude of 70 mV (typical value). Each time
a pulse is detected, the missing pulse detector timer
(tMP) is reset. As previously stated, if the missing pulse
detector timer reaches the time for 32 cycles, the loop
for diagnosing a fan fault is engaged (diagnostic timer,
then the start-up timer).
Both of the fan current waveshapes shown in Figures
4-6 and 4-7 can be sensed with the sensing scheme
shown in Figure 4-8.
FIGURE 4-8:
Sensing Scheme For Fan
Current.
The fan current flowing through RSENSE generates a
voltage that is proportional to the current. The CSENSE
capacitor removes any DC portion of the voltage
across RSENSE and presents only the voltage pulse
portion to the SENSE pin of the TC646B/TC649B
devices.
The RSENSE and CSENSE values need to be selected so
that the voltage pulse provided to the SENSE pin is
70 mV (typical) in amplitude. Be sure to check the
sense pulse amplitude over all operating conditions
(duty cycles) as the current pulse amplitude will vary
with duty cycle. See Section 5.0, “Applications Informa-
tion”, for more details on selecting values for RSENSE
and CSENSE.
Key features of the SENSE pin circuitry are an initial
blanking period after every VOUT pulse and an initial
pulse blanker.
The TC646B/TC649B sense circuitry has a blanking
period that occurs at the turn-on of each VOUT pulse.
During this blanking period, the sense circuitry ignores
any pulse information that is seen at the SENSE pin
input. This stops the TC646B/TC649B device from
falsely sensing a current pulse that is due to the fan
drive device turn-on.
The initial pulse blanker is also implemented to stop
false sensing of fan current pulses. When a fan is in a
locked rotor condition, the fan current no longer com-
mutates, it simply flows through one fan winding and is
a DC current. When a fan is in a locked rotor condition
and the TC646B/TC649B device is in PWM mode, it
will see one current pulse each time the VOUT output is
turned on. The initial pulse blanker allows the
TC646B/TC649B device to ignore this pulse and
recognize that the fan is in a fault condition.
4.9
Behavioral Algorithms
The behavioral algorithms for the TC646B/TC649B
and TC648B devices are shown in Figure 4-9 and
Figure 4-10, respectively.
The behavioral algorithms show the step-by-step deci-
sion-making process for the fan speed controller oper-
ation. The TC646B and TC649B devices are very
similar with one exception: the TC649B device does
not implement the over-temperature portion of the
algorithm.
RISO
RSENSE
CSENSE
(0.1 µF typical)
SENSE
VOUT
TC64XB
GND
FAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com