Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140-IP Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2140-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-IP Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2140-IP Datasheet HTML 48Page - Microchip Technology MCP2140-IP Datasheet HTML 49Page - Microchip Technology MCP2140-IP Datasheet HTML 50Page - Microchip Technology MCP2140-IP Datasheet HTML 51Page - Microchip Technology MCP2140-IP Datasheet HTML 52Page - Microchip Technology MCP2140-IP Datasheet HTML 53Page - Microchip Technology MCP2140-IP Datasheet HTML 54Page - Microchip Technology MCP2140-IP Datasheet HTML 55Page - Microchip Technology MCP2140-IP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
MCP2140
DS21790A-page 52
Preliminary
 2003 Microchip Technology Inc.
FIGURE C-1:
HIGH LEVEL IRCOMM CONNECTION SEQUENCE
Normal Disconnect Mode (NDM)
Send XID Commands
(timeslots n, n+1, ...)
No Response
XID Response in timeslot y,
Finish sending XIDs
(max timeslots - y frames)
Broadcast ID
No Response to these XIDs
claiming this timeslot, (MCP2140
No Response to Broadcast ID
Primary Device
(MCP2140)
Discovery
Normal Response Mode (NRM)
Send SNRM Command
(w/ parameters and
connection address)
Open channel for IAS Queries
Send IAS Queries
Open channel for data
Send Data or Status
Shutdown link
UA response with parameters
using connect address
Confirm channel open for IAS
Provide IAS responses
Confirm channel open for data
Send Data or Status
Confirm shutdown
(back to NDM state)
(approximately 70ms
between XID commands)
Send Data or Status
Send Data or Status
(MCP2140 DSR pin driven low)
Secondary Device
always claims timeslot 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com