Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140-IP Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2140-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-IP Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2140-IP Datasheet HTML 49Page - Microchip Technology MCP2140-IP Datasheet HTML 50Page - Microchip Technology MCP2140-IP Datasheet HTML 51Page - Microchip Technology MCP2140-IP Datasheet HTML 52Page - Microchip Technology MCP2140-IP Datasheet HTML 53Page - Microchip Technology MCP2140-IP Datasheet HTML 54Page - Microchip Technology MCP2140-IP Datasheet HTML 55Page - Microchip Technology MCP2140-IP Datasheet HTML 56Page - Microchip Technology MCP2140-IP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 53
MCP2140
APPENDIX D: DB-9 PIN
INFORMATION
Table D-1 shows the DB-9 pin information and the
direction of the MCP2140 signals. The MCP2140 is
designed for use in Data Communications Equipment
(DCE) applications.
TABLE D-1:
DB-9 SIGNAL INFORMATION
APPENDIX E: KNOW PRIMARY
DEVICE
COMPATIBILITY
ISSUES
Table E-1 show the known issues of Primary Devices
interfacing to the MCP2140.
TABLE E-1:
PRIMARY DEVICE ISSUES
DB-9
Pin No.
Signal
Direction
Comment
1
CD
HC
→ MCP2140 Carrier Detect
2
RX
MCP2140
→ HC Received Data
3
TX
HC
→ MCP2140 Transmit Data
4
DTR
HC
→ MCP2140 Data Terminal
Ready
5
GND
—
Ground
6
DSR
MCP2140
→ HC Data Set
Ready
7
RTS
HC
→ MCP2140 Request to
Send
8
CTS
MCP2140
→ HC Clear to Send
9
RI
HC
→ MCP2140 Ring Indicator
Legend: HC = Host Controller
Primary Device
Operating System
Issue
Result
HP Jornada 720
HPC Pro/Windows CE™ 3.0
(Pocket PC)
Jornada 720 transmits 0xFF (not
0xC0) for extra SOF (Start-of-
Frame) characters during NDM.
MCP2140 will not connect
to the Jornada 720.
Personal Computers Windows® 2000 (do not have
list of which versions)
The operating system will reset if
an IR device ID of “null” is
received.
MCP2140 will not connect
to the PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com