Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140-IP Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2140-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-IP Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2140-IP Datasheet HTML 8Page - Microchip Technology MCP2140-IP Datasheet HTML 9Page - Microchip Technology MCP2140-IP Datasheet HTML 10Page - Microchip Technology MCP2140-IP Datasheet HTML 11Page - Microchip Technology MCP2140-IP Datasheet HTML 12Page - Microchip Technology MCP2140-IP Datasheet HTML 13Page - Microchip Technology MCP2140-IP Datasheet HTML 14Page - Microchip Technology MCP2140-IP Datasheet HTML 15Page - Microchip Technology MCP2140-IP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
MCP2140
DS21790A-page 12
Preliminary
 2003 Microchip Technology Inc.
2.5.2
DECODER (DEMODULATION)
The modulated signal (data) from the IR transceiver
module (on RXIR pin) needs to be demodulated to
form the received data (on RX pin). Once demodula-
tion of the data byte occurs, the data that is received is
transmitted by the MCP2140 UART (on the RX pin).
Figure 2-6 shows the decoding of the modulated
signal.
Each bit time is comprised of 16-bit clocks. If the value
to be received is a logic-low, the RXIR pin will be a low
level for the first 3-bit clock cycles, or a minimum of
1.6 µs. The remaining 13-bit clock cycles (or difference
up to the 16-bit clock time) will be high. If the value to
be received is a logic-high, the RXIR pin will be a high
level for the entire 16-bit clock cycles. The level on the
RX pin will be in the appropriate state for the entire 16
clock cycles.
2.6
IR Port Baud Rate
The baud rate for the MCP2140 IR port (the TXIR and
RXIR pins) is fixed at the default rate of 9600 baud. The
Primary device will be informed of this parameter dur-
ing NDM. The Host UART baud rate and the IR port
baud rate are the same.
FIGURE 2-6:
DECODING
Note:
The signal on the RX pin does not actually
line up in time with the bit value that was
received on the RXIR pin, as shown in
Figure 2-6. The RXIR bit value is shown to
represent the value to be transmitted on
the RX pin.
BITCLK
RX
RXIR Bit Value
01
0
0
0
1
≥ 1.6 µs (up to 3 CLK)
≥ 13 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
Start Bit
Data bit 0
Data bit 1
Data bit 2
Data bit ...
(CLK)
RXPD
RXPDREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com