Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140-IP Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2140-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-IP Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2140-IP Datasheet HTML 11Page - Microchip Technology MCP2140-IP Datasheet HTML 12Page - Microchip Technology MCP2140-IP Datasheet HTML 13Page - Microchip Technology MCP2140-IP Datasheet HTML 14Page - Microchip Technology MCP2140-IP Datasheet HTML 15Page - Microchip Technology MCP2140-IP Datasheet HTML 16Page - Microchip Technology MCP2140-IP Datasheet HTML 17Page - Microchip Technology MCP2140-IP Datasheet HTML 18Page - Microchip Technology MCP2140-IP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 15
MCP2140
2.10
Buffers and Throughput
The IR data rate of the MCP2140 is fixed at 9.6 kbaud.
The actual throughput will be less due to several fac-
tors. The most significant factors are under the control
of the developer. One factor beyond the control of the
designer is the overhead associated with the IrDA
standard. A throughput example is shown in Table 2-4.
Figure 2-9 shows the CTS waveform, what the state of
the buffers can be and the operation of the Host UART
and IR interfaces.
Figure 2-10 shows the screen-capture of a Host Con-
troller transmitting 240 bytes. Data is not transmitted
after CTS goes high (so only a maximum of 23 bytes of
the 29 byte buffer are utilized). Between data packets,
the CTS time can vary, depending on the Primary
Device (see blue circled CTS pulse in Figure 2-10).
TABLE 2-4:
THROUGHPUT
FIGURE 2-9:
HOST UART RECEIVE BUFFER AND CTS WAVEFORM
FIGURE 2-10:
HOST CONTROLLER TRANSMISSION OF A 240 BYTE PACKET
Bytes
Transferred
(3)
Bytes/
CTS Low
Time (S)
Effective
Baud Rate
240
23 (max) (1) 0.810133
2962 (1)
240
29
0.6500
3692 (2)
Note 1: Measured from Figure 2-10.
2: Interpolated from Figure 2-10.
3: 10 bits transferred for each byte.
Note:
IrDA throughput is based on many factors
associated with characteristics of the Pri-
mary and Secondary devices. These char-
acteristics may cause your throughput to
be more or less than is shown in Table 2-4.
CTS
Receive Buffer Empty
MCP2140 Can Receive Data Receive Buffer Has 22 Bytes,
Receive Buffer
Receive Buffer Empty
MCP2140 Can Receive Data
IR Data Packet Transmitted
Full (29 Bytes)
CTS Pin Driven High
IR Data Packet Starts Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com