Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM2400ESS12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM2400ESS12
Description  Single Switch IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESS12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM2400ESS12 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 8Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/9
www.dynexsemi.com
FEATURES
•
10µs Short Circuit Withstand
•
Non Punch Through Silicon
•
Isolated Copper Base plate
•
Lead Free construction
APPLICATIONS
•
High Power Inverters
•
Motor Controllers
The Powerline range
of
high
power
modules
includes half bridge, chopper, dual, single and bi-
directional switch configurations covering voltages
from 600V to 3300V and currents up to 3600A.
The DIM2400ESS12-A000 is a single switch 1200V,
n channel enhancement mode, insulated
gate
bipolar transistor (IGBT) module. The IGBT has a
wide reverse bias safe operating area (RBSOA) plus
full 10
µs short circuit withstand.
The module incorporates an electrically isolated
base plate and low inductance construction enabling
circuit designers to optimise circuit layouts and
utilise grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM2400ESS12-A000
Note: When ordering, please use the whole part number.
KEY PARAMETERS
VCES
1200V
VCE (sat)
*
(typ)
2.2V
IC
(max)
2400A
IC(PK)
(max)
4800A
*(measured at the power busbars and not the auxiliary terminals)
Fig. 1 Single switch circuit diagram
Outline type code: E
(See package details for further information)
Fig. 2 Package
DS5840-1.1 June 2005 (LN24075)
DIM2400ESS12-A000
Single Switch IGBT Module


Similar Part No. - DIM2400ESS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM2400ESS12-A000 DYNEX-DIM2400ESS12-A000 Datasheet
367Kb / 8P
Single Switch IGBT Module
DIM2400ESS12-A000 DYNEX-DIM2400ESS12-A000_10 Datasheet
367Kb / 8P
Single Switch IGBT Module
DIM2400ESS12-A000 DYNEX-DIM2400ESS12-A000_15 Datasheet
404Kb / 8P
Single Switch IGBT Module
More results

Similar Description - DIM2400ESS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
Single Switch IGBT Module
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
Single Switch IGBT Module
DIM1200ASM45-TL000 DYNEX-DIM1200ASM45-TL000 Datasheet
406Kb / 8P
Single Switch IGBT Module
DIM1200ASM45-TS000 DYNEX-DIM1200ASM45-TS000 Datasheet
398Kb / 8P
Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com