Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM2400ESS12 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DIM2400ESS12
Description  Single Switch IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESS12 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DIM2400ESS12 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 8Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEMICONDUCTOR
DIM2400ESS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
3/9
www.dynexsemi.com
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
Al2O3
Baseplate material:
Copper
Creepage distance:
32mm
Clearance:
20mm
CTI (Critical Tracking Index):
175
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Thermal resistance – transistor
Continuous dissipation –
junction to case
-
-
6
° C/kW
Rth(j-c)
Thermal resistance – diode
Continuous dissipation –
junction to case
-
-
13.3
° C/kW
Rth(c-h)
Thermal resistance – case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
-
-
6
° C/kW
Tj
Junction temperature
Transistor
-
-
150
° C
Diode
-
-
125
° C
Tstg
Storage temperature range
-
-40
-
125
° C
-
Screw torque
Mounting – M6
-
-
5
Nm
Electrical connections – M4
-
-
2
Nm
Electrical connections – M8
-
-
10
Nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com