Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM2400ESS12 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DIM2400ESS12
Description  Single Switch IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESS12 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM2400ESS12 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 8Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SEMICONDUCTOR
DIM2400ESS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
4/9
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25° C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Ices
Collector cut-off current
VGE = 0V, VCE = VCES
-
-
3
mA
VGE = 0V, VCE = VCES, Tcase = 125° C
-
-
75
mA
Ices
Gate leakage current
VGE = ±20V, VCE = 0V
-
-
12
µA
VGE(TH)
Gate threshold voltage
IC = 80mA, VGE = VCE
4.5
5.5
6.5
V
VCE(sat)
Collector-emitter saturation voltage
VGE = 15V, IC = 2400A
-
2.2
2.8
V
VGE = 15V, IC = 2400A, Tcase = 125° C
-
2.6
3.3
V
IF
Diode forward current
DC
-
2400
A
IFM
Diode maximum forward current
tp = 1ms
-
4800
A
VF
Diode forward voltage
IF = 2400A
-
2.1
2.4
V
IF = 2400A, Tcase = 125° C
-
2.1
2.4
V
Cies
Input capacitance
VCE = 25V, VGE = 0V, f = 1MHz
270
-
nF
LM
Module inductance
-
-
10
-
nH
RINT
Internal resistance
-
-
0.09
-
m
Ω
SCData
Short circuit. Isc
Tj = 125° C,Vcc = 2500V,
I1
-
16500
-
A
tp
≤ 10µs,
VCE(max) = VCES - L*.di/dt
I2
-
13500
-
A
IEC 60747-9
Note:
Measured at the power busbars and not the auxiliary terminals
*L is the circuit inductance + L
M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com