Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM2400ESS12 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DIM2400ESS12
Description  Single Switch IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESS12 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DIM2400ESS12 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 8Page - Dynex Semiconductor DIM2400ESS12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SEMICONDUCTOR
DIM2400ESS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
2/9
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25° C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
1200
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 85° C
2400
A
IC(PK)
Peak collector current
1ms, Tcase =115° C
4800
A
Pmax
Max. transistor power dissipation
Tcase = 25° C, Tj = 150° C
20830
kW
I
2t
Diode I
2t value (IGBT arm)
VR = 0, tP = 10ms, Tvj = 125° C
900
kA
2S
Visol
Isolation voltage – per module
Commoned terminals to base plate. AC RMS, 1 min, 50Hz
2500
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com