Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 4 Page - Microchip Technology

  MCP121 Datasheet HTML 1Page - Microchip Technology MCP121 Datasheet HTML 2Page - Microchip Technology MCP121 Datasheet HTML 3Page - Microchip Technology MCP121 Datasheet HTML 4Page - Microchip Technology MCP121 Datasheet HTML 5Page - Microchip Technology MCP121 Datasheet HTML 6Page - Microchip Technology MCP121 Datasheet HTML 7Page - Microchip Technology MCP121 Datasheet HTML 8Page - Microchip Technology MCP121 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP111/112
DS21889D-page 4
© 2005 Microchip Technology Inc.
FIGURE 1-1:
Timing Diagram.
AC CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP111), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
VDD Detect to VOUT Inactive
tRPU
—90
—
µs
Figure 1-1 and CL = 50 pF
(Note 1)
VDD Detect to VOUT Active
tRPD
—
130
—
µs
VDD ramped from VTRIP(MAX) +
250 mV down to VTRIP(MIN) –
250 mV, per Figure 1-1,
CL = 50 pF (Note 1)
VOUT Rise Time After VOUT Active
tRT
—5
—
µs
For VOUT 10% to 90% of final
value per Figure 1-1, CL = 50 pF
(Note 1)
Note 1:
These parameters are for design guidance only and are not 100% tested.
Electrical Specifications: Unless otherwise noted, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP111), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
MCP1XX-195
Specified Temperature Range
TA
-40
—
+125
°C
Except MCP1XX-195
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 3L-SOT23
θJA
—
336
—
°C/W
Thermal Resistance, 3L-SC-70
θJA
—
340
—
°C/W
Thermal Resistance, 3L-TO-92
θJA
—131.9
—
°C/W
Thermal Resistance, 3L-SOT-89
θJA
—110
—
°C/W
1V
1V
VTRIP
VDD
VOUT
tRPU
VOH
tRT
tRPD
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com