Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 14Page - Microchip Technology MCP121 Datasheet HTML 15Page - Microchip Technology MCP121 Datasheet HTML 16Page - Microchip Technology MCP121 Datasheet HTML 17Page - Microchip Technology MCP121 Datasheet HTML 18Page - Microchip Technology MCP121 Datasheet HTML 19Page - Microchip Technology MCP121 Datasheet HTML 20Page - Microchip Technology MCP121 Datasheet HTML 21Page - Microchip Technology MCP121 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MCP111/112
DS21889D-page 18
© 2005 Microchip Technology Inc.
3-Lead Plastic Transistor Outline (TO) (TO-92)
4
3
2
4
3
2
β
Mold Draft Angle Bottom
6
5
4
6
5
4
α
0.56
0.48
0.41
.022
.019
.016
B
Lead Width
0.51
0.43
0.36
.020
.017
.014
c
Lead Thickness
2.41
2.29
2.16
.095
.090
.085
R
Molded Package Radius
4.95
4.64
4.32
.195
.183
.170
D
Overall Length
4.95
4.71
4.45
.195
.186
.175
E1
Overall Width
3.94
3.62
3.30
.155
.143
.130
A
Bottom to Package Flat
1.27
.050
p
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
R
n
1
3
α
p
L
B
A
c
β
1
D
2
E1
Tip to Seating Plane
L
.500
.555
.610
12.70
14.10
15.49
*Controlling Parameter
Mold Draft Angle Top
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: TO-92
Drawing No. C04-101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com