Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 3Page - Microchip Technology MCP121 Datasheet HTML 4Page - Microchip Technology MCP121 Datasheet HTML 5Page - Microchip Technology MCP121 Datasheet HTML 6Page - Microchip Technology MCP121 Datasheet HTML 7Page - Microchip Technology MCP121 Datasheet HTML 8Page - Microchip Technology MCP121 Datasheet HTML 9Page - Microchip Technology MCP121 Datasheet HTML 10Page - Microchip Technology MCP121 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 7
MCP111/112
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-13:
VOL vs. Temperature
(MCP111-195 @ VDD = 1.7V).
FIGURE 2-14:
VOL vs. Temperature
(MCP112-300 @ VDD = 2.7V).
FIGURE 2-15:
VOL vs. Temperature
(MCP112-475 @ VDD = 4.4V).
FIGURE 2-16:
VOH vs. IOH
(MCP112-300 @ VDD = 3.1V).
FIGURE 2-17:
VOH vs. IOH
(MCP112-475 @ VDD = 4.8V).
FIGURE 2-18:
Typical Transient Response
(25 °C).
0.000
0.020
0.040
0.060
0.080
0.100
0.120
-40
0
40
80
120
Temperature (°C)
IOL = 0.00 mA
MCP111-195
VDD = 1.7 V
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
-40
0
40
80
120
Temperature (°C)
MCP112-300
VDD = 2.7V
IOL = 0.00 mA
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
0.000
0.010
0.020
0.030
0.040
0.050
-40
0
40
80
120
Temperature (°C)
IOL = 0.00 mA
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
MCP112-475
VDD = 4.4V
2.900
2.950
3.000
3.050
3.100
3.150
0.00
0.25
0.50
0.75
1.00
IOL (mA)
-40 °C
+25 °C
+85 °C
+125 °C
MCP112-300
VDD = 3.1V
4.680
4.700
4.720
4.740
4.760
4.780
4.800
4.820
0.00
0.25
0.50
0.75
1.00
IOL (mA)
MCP112-475
VDD = 4.8V
-40 °C
+25 °C
+85 °C
+125 °C
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
VTRIP(min) - VDD
MCP111-195
MCP112-475
MCP112-300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com