Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 1 Page - Microchip Technology

  MCP121 Datasheet HTML 1Page - Microchip Technology MCP121 Datasheet HTML 2Page - Microchip Technology MCP121 Datasheet HTML 3Page - Microchip Technology MCP121 Datasheet HTML 4Page - Microchip Technology MCP121 Datasheet HTML 5Page - Microchip Technology MCP121 Datasheet HTML 6Page - Microchip Technology MCP121 Datasheet HTML 7Page - Microchip Technology MCP121 Datasheet HTML 8Page - Microchip Technology MCP121 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 1
MCP111/112
Features
• Ultra-low supply current: 1.75 µA (max.)
• Precision monitoring options of:
- 1.90V, 2.32V, 2.63V, 2.90V, 2.93V, 3.08V,
4.38V and 4.63V
• Resets microcontroller in a power-loss event
•Active-low VOUT pin:
- MCP111 active-low, open-drain
- MCP112 active-low, push-pull
• Available in SOT23-3, TO-92, SC-70 and
SOT-89-3 packages
• Temperature Range:
- Extended: -40°C to +125°C
(except MCP1XX-195)
- Industrial: -40°C to +85°C (MCP1XX-195 only)
• Pb-free devices
Applications
• Critical Microcontroller and Microprocessor
Power-Monitoring Applications
• Computers
• Intelligent Instruments
• Portable Battery-Powered Equipment
Description
The
MCP111/112
are
voltage-detecting
devices
designed to keep a microcontroller in reset until the
system voltage has stabilized at the appropriate level
for reliable system operation. These devices also
operate as protection from brown-out conditions when
the system supply voltage drops below the specified
threshold voltage level. Eight different trip voltages are
available.
Package Types
Block Diagram
TABLE 1:
DEVICE FEATURES
3-Pin SOT23-3/SC-70
VDD
VOUT 1
2
3
VSS
VSS
VOUT
3-Pin TO-92
VDD
1
3
2
VDD VSS
VOUT
3-Pin SOT-89
VDD
MCP111/112
VDD
Comparator
+
–
Output
Driver
VOUT
Band Gap
Reference
VSS
Device
Output
Reset Delay
(typ)
Package Pin Out
(Pin # 1, 2, 3)
Comment
Type
Pull-up Resistor
MCP111
Open-drain
External
No
VOUT, VSS, VDD
MCP112
Push-pull
No
No
VOUT, VSS, VDD
MCP102
Push-pull
No
120 ms
RST, VDD, VSS
See MCP102/103/121/131 Data Sheet
(DS21906)
MCP103
Push-pull
No
120 ms
VSS, RST, VDD
See MCP102/103/121/131 Data Sheet
(DS21906)
MCP121
Open-drain
External
120 ms
RST, VDD, VSS
See MCP102/103/121/131 Data Sheet
(DS21906)
MCP131
Open-Drain
Internal (~95 k
Ω)
120 ms
RST, VDD, VSS
See MCP102/103/121/131 Data Sheet
(DS21906)
Micropower Voltage Detector


Similar Part No. - MCP121

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
MCP121 MICROCHIP-MCP121 Datasheet
420Kb / 28P
Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
MCP121 MICROCHIP-MCP121 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
MCP121 MICROCHIP-MCP121 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
11/29/12
More results

Similar Description - MCP121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
logo
Microchip Technology
MCP111 MICROCHIP-MCP111 Datasheet
332Kb / 22P
Micropower Voltage Detector
2004
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_13 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-315E MICROCHIP-MCP111T-315E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-475E MICROCHIP-MCP111T-475E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-300E MICROCHIP-MCP111T-300E Datasheet
383Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_16 Datasheet
396Kb / 32P
Micropower Voltage Detector
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com