Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1630-E/MS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1630-E/MS Datasheet HTML 18Page - Microchip Technology MCP1630-E/MS Datasheet HTML 19Page - Microchip Technology MCP1630-E/MS Datasheet HTML 20Page - Microchip Technology MCP1630-E/MS Datasheet HTML 21Page - Microchip Technology MCP1630-E/MS Datasheet HTML 22Page - Microchip Technology MCP1630-E/MS Datasheet HTML 23Page - Microchip Technology MCP1630-E/MS Datasheet HTML 24Page - Microchip Technology MCP1630-E/MS Datasheet HTML 25Page - Microchip Technology MCP1630-E/MS Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 23
MCP1630/MCP1630V
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1630:
High-Speed, Microcontroller-Adaptable,
PWM
MCP1630T:
High-Speed, Microcontroller-Adaptable,
PWM (Tape and Reel)
Temperature Range:
E
= -40°C to +125°C
Package:
MC *= Dual Flat, No Lead (2x3mm Body), 8-lead
MS = Plastic MSOP, 8-lead
* For DFN samples, contact your Microchip Sales Office for
availability.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP1630-E/MS:
Extended Temperature,
8LD MSOP package.
b)
MCP1630T-E/MS:
Tape and Reel
Extended Temperature,
8LD MSOP package.
c)
MCP1630-E/MC:
Extended Temperature,
8LD DFN package.
a)
MCP1630V-E/MS: Extended Temperature,
8LD MSOP package.
b)
MCP1630VT-E/MS: Tape and Reel
Extended Temperature,
8LD MSOP package.
c)
MCP1630V-E/MC: Extended Temperature,
8LD DFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com