Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1630-E/MS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1630-E/MS Datasheet HTML 10Page - Microchip Technology MCP1630-E/MS Datasheet HTML 11Page - Microchip Technology MCP1630-E/MS Datasheet HTML 12Page - Microchip Technology MCP1630-E/MS Datasheet HTML 13Page - Microchip Technology MCP1630-E/MS Datasheet HTML 14Page - Microchip Technology MCP1630-E/MS Datasheet HTML 15Page - Microchip Technology MCP1630-E/MS Datasheet HTML 16Page - Microchip Technology MCP1630-E/MS Datasheet HTML 17Page - Microchip Technology MCP1630-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP1630/MCP1630V
DS21896B-page 14
© 2005 Microchip Technology Inc.
FIGURE 4-1:
Cycle-by-Cycle Timing Diagram (MCP1630).
OSC IN
S
COMP
Q
MCP1630 High-Speed PWM Timing Diagram
CS
R
VDRIVE
VEXT
R
S
Q
Q
EA
+
–
VREF
FB
Comp
+
–
CS
OSC IN
VIN
COMP
GND
VEXT
2R
R
VIN
2.7V Clamp
Overtemperature
UVLO
100 k
Ω
0.1 µA
0.1 µA
VIN
VIN
Latch Truth Table
SR
Q
00
Qn
011
100
111
Note:
During overtemperature, VEXT driver is high-impedance.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com