Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1630-E/MS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP1630-E/MS Datasheet HTML 1Page - Microchip Technology MCP1630-E/MS Datasheet HTML 2Page - Microchip Technology MCP1630-E/MS Datasheet HTML 3Page - Microchip Technology MCP1630-E/MS Datasheet HTML 4Page - Microchip Technology MCP1630-E/MS Datasheet HTML 5Page - Microchip Technology MCP1630-E/MS Datasheet HTML 6Page - Microchip Technology MCP1630-E/MS Datasheet HTML 7Page - Microchip Technology MCP1630-E/MS Datasheet HTML 8Page - Microchip Technology MCP1630-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 5
MCP1630/MCP1630V
Typical Application Circuit - MCP1630V
Bidirectional Power Converter/Battery Charger for 4-Series Cell Li-Ion Batteries
Battery
Protection
and
Monitor
+VBATT
-VBATT
Bidirectional Buck/Boost
L
COUT
CIN
DC Bus
Voltage
SMBus
4-Cell Li-Ion
Battery Pack
Battery Protection
Switches
RSENSE
+
–
Boost
Buck
Boost
Switch
Buck
Switch
SMBus
ISENSE
VSENSE
Fuse
GND
Sync.
FET
Driver
Comp
FB
CS
VREF
OSC GND
VEXT
VIN
+
–
+
–
+2.5 VREF
Charge Current Loop
DC bus Voltage Loop
0V to 2.7V
IREF Voltage (PWM)
+
–
Filter
+DC Bus VREF
PIC16F88
MCP1630V
PS501
(1/2) MCP6021
(1/2) MCP6021
(1/2) MCP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com