Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1630-E/MS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1630-E/MS Datasheet HTML 15Page - Microchip Technology MCP1630-E/MS Datasheet HTML 16Page - Microchip Technology MCP1630-E/MS Datasheet HTML 17Page - Microchip Technology MCP1630-E/MS Datasheet HTML 18Page - Microchip Technology MCP1630-E/MS Datasheet HTML 19Page - Microchip Technology MCP1630-E/MS Datasheet HTML 20Page - Microchip Technology MCP1630-E/MS Datasheet HTML 21Page - Microchip Technology MCP1630-E/MS Datasheet HTML 22Page - Microchip Technology MCP1630-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 19
MCP1630/MCP1630V
8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) – Saw Singulated
L
E2
A3
A1
A
TOP VIEW
D
E
EXPOSED
PAD
METAL
D2
BOTTOM VIEW
2
1
b
p
n
(NOTE 1)
EXPOSED
TIE BAR
PIN 1
(NOTE 2)
ID INDEX
AREA
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package may have one or more exposed tie bars at ends.
.031
.000
.055
.047
.008
.012
A3
Contact Thickness
Exposed Pad Length
Exposed Pad Width
Overall Length
Overall Width
Contact Width
Contact Length
(Note 3)
(Note 3)
b
L
E2
D2
E
D
Number of Pins
Pitch
Overall Height
Standoff
Dimension Limits
Units
p
A1
A
n
MIN
0.20 REF.
.008 REF.
.010
.016
.059
.079 BSC
.118 BSC
.065
.012
.061
.020
.067
1.50
1.65
2.00 BSC
3.00 BSC
0.25
0.40
0.20
0.30
1.20
1.39
0.30
0.50
1.55
1.70
MIN
.020 BSC
.001
.035
NOM
INCHES
8
.039
.002
MAX
0.90
MILLIMETERS*
0.50 BSC
0.02
0.00
0.80
NOM
0.05
1.00
MAX
8
2. REF: Reference Dimension, usually without tolerance, for information purposes only.
1. BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Exposed pad varies according to die attach paddle size.
Drawing No. C04-123, Revised 05-05-05
*Controlling Parameter
See ASME Y14.5M
See ASME Y14.5M
JEDEC equivalent: M0-229
Notes:
For DFN samples, contact your Microchip Sales Office for availability..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com