Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23017 Datasheet(PDF) 4 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 4 Page - Microchip Technology

  23017 Datasheet HTML 1Page - Microchip Technology 23017 Datasheet HTML 2Page - Microchip Technology 23017 Datasheet HTML 3Page - Microchip Technology 23017 Datasheet HTML 4Page - Microchip Technology 23017 Datasheet HTML 5Page - Microchip Technology 23017 Datasheet HTML 6Page - Microchip Technology 23017 Datasheet HTML 7Page - Microchip Technology 23017 Datasheet HTML 8Page - Microchip Technology 23017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MCP23017/MCP23S17
DS21952B-page 4
© 2007 Microchip Technology Inc.
1.1
Pin Descriptions
TABLE 1-1:
PINOUT DESCRIPTION
Pin
Name
PDIP/
SOIC/
SSOP
QFN
Pin
Type
Function
GPB0
1
25
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB1
2
26
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB2
3
27
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB3
4
28
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB4
5
1
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB5
6
2
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB6
7
3
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPB7
8
4
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
VDD
95
P
Power
VSS
10
6
P
Ground
NC/CS
11
7
I
NC (MCP23017), Chip Select (MCP23S17)
SCL/SCK
12
8
I
Serial clock input
SDA/SI
13
9
I/O
Serial data I/O (MCP23017), Serial data input (MCP23S17)
NC/SO
14
10
O
NC (MCP23017), Serial data out (MCP23S17)
A0
15
11
I
Hardware address pin. Must be externally biased.
A1
16
12
I
Hardware address pin. Must be externally biased.
A2
17
13
I
Hardware address pin. Must be externally biased.
RESET
18
14
I
Hardware reset. Must be externally biased.
INTB
19
15
O
Interrupt output for PORTB. Can be configured as active-high, active-low or open-drain.
INTA
20
16
O
Interrupt output for PORTA. Can be configured as active-high, active-low or open-drain.
GPA0
21
17
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA1
22
18
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA2
23
19
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA3
24
20
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA4
25
21
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA5
26
22
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA6
27
23
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.
GPA7
28
24
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com