Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23017 Datasheet(PDF) 45 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 45 Page - Microchip Technology

Back Button 23017 Datasheet HTML 40Page - Microchip Technology 23017 Datasheet HTML 41Page - Microchip Technology 23017 Datasheet HTML 42Page - Microchip Technology 23017 Datasheet HTML 43Page - Microchip Technology 23017 Datasheet HTML 44Page - Microchip Technology 23017 Datasheet HTML 45Page - Microchip Technology 23017 Datasheet HTML 46Page - Microchip Technology 23017 Datasheet HTML 47Page - Microchip Technology 23017 Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 41
MCP23017/MCP23S17
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP23017:
16-Bit I/O Expander w/I2C™ Interface
MCP23017T:
16-Bit I/O Expander w/I2C Interface
(Tape and Reel)
MCP23S17:
16-Bit I/O Expander w/SPI Interface
MCP23S17T:
16-Bit I/O Expander w/SPI Interface
(Tape and Reel)
Temperature
Range
E
=
-40
°C to +125°C (Extended)
Package
ML
=
Plastic Quad, Flat No Leads (QFN), 28-lead
SP
=
Plastic DIP (300 mil Body), 28-Lead
SO
=
Plastic SOIC (300 mil Body), 28-Lead
SS
=
SSOP, (209 mil Body, 5.30 mm), 28-Lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP23017-E/SP:
Extended Temp.,
28LD PDIP package.
b)
MCP23017-E/SO: Extended Temp.,
28LD SOIC package.
c)
MCP23017T-E/SO: Tape and Reel,
Extended Temp.,
28LD SOIC package.
d)
MCP23017-E/SS:
Extended Temp.,
28LD SSOP package.
e)
MCP23017T-E/SS: Tape and Reel,
Extended Temp.,
28LD SSOP package.
a)
MCP23S17-E/SP: Extended Temp.,
28LD PDIP package.
b)
MCP23S17-E/SO: Extended Temp.,
28LD SOIC package.
c)
MCP23S17T-E/SO: Tape and Reel,
Extended Temp.,
28LD SOIC package.
d)
MCP23S17-E/SS: Extended Temp.,
28LD SSOP package.
e)
MCP23S17T-E/SS: Tape and Reel,
Extended Temp.,
28LD SSOP package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com