Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23017 Datasheet(PDF) 17 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 23017 Datasheet HTML 13Page - Microchip Technology 23017 Datasheet HTML 14Page - Microchip Technology 23017 Datasheet HTML 15Page - Microchip Technology 23017 Datasheet HTML 16Page - Microchip Technology 23017 Datasheet HTML 17Page - Microchip Technology 23017 Datasheet HTML 18Page - Microchip Technology 23017 Datasheet HTML 19Page - Microchip Technology 23017 Datasheet HTML 20Page - Microchip Technology 23017 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 17
MCP23017/MCP23S17
1.6.6
CONFIGURATION REGISTER
The IOCON register contains several bits for
configuring the device:
The BANK bit changes how the registers are mapped
(see Table 1-5 and Table 1-6 for more details).
• If BANK = 1, the registers associated with each
port are segregated. Registers associated with
PORTA are mapped from address 00h - 0Ah and
registers associated with PORTB are mapped
from 10h - 1Ah.
• If BANK = 0, the A/B registers are paired. For
example, IODIRA is mapped to address 00h and
IODIRB is mapped to the next address (address
01h). The mapping for all registers is from 00h -
15h.
It is important to take care when changing the BANK bit
as the address mapping changes after the byte is
clocked into the device. The address pointer may point
to an invalid location after the bit is modified.
For example, if the device is configured to
automatically increment its internal Address Pointer,
the following scenario would occur:
• BANK = 0
• Write 80h to address 0Ah (IOCON) to set the
BANK bit
• Once the write completes, the internal address
now points to 0Bh which is an invalid address
when the BANK bit is set.
For this reason, it is advised to only perform byte writes
to this register when changing the BANK bit.
The MIRROR bit controls how the INTA and INTB pins
function with respect to each other.
• When MIRROR = 1, the INTn pins are functionally
OR’ed so that an interrupt on either port will cause
both pins to activate.
• When MIRROR = 0, the INT pins are separated.
Interrupt conditions on a port will cause its
respective INT pin to activate.
The Sequential Operation (SEQOP) controls the
incrementing function of the Address Pointer. If the
address pointer is disabled, the Address Pointer does
not automatically increment after each byte is clocked
during a serial transfer. This feature is useful when it is
desired to continuously poll (read) or modify (write) a
register.
The Slew Rate (DISSLW) bit controls the slew rate
function on the SDA pin. If enabled, the SDA slew rate
will be controlled when driving from a high to low.
The Hardware Address Enable (HAEN) bit enables/
disables hardware addressing on the MCP23S17 only.
The address pins (A2, A1 and A0) must be externally
biased, regardless of the HAEN bit value.
If enabled (HAEN = 1), the device’s hardware address
matches the address pins.
If disabled (HAEN = 0), the device’s hardware address
is A2 = A1 = A0 = 0.
The Open-Drain (ODR) control bit enables/disables the
INT pin for open-drain configuration. Erasing this bit
overrides the INTPOL bit.
The Interrupt Polarity (INTPOL) sets the polarity of the
INT pin. This bit is functional only when the ODR bit is
cleared, configuring the INT pin as active push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com