Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23017 Datasheet(PDF) 1 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 1 Page - Microchip Technology

  23017 Datasheet HTML 1Page - Microchip Technology 23017 Datasheet HTML 2Page - Microchip Technology 23017 Datasheet HTML 3Page - Microchip Technology 23017 Datasheet HTML 4Page - Microchip Technology 23017 Datasheet HTML 5Page - Microchip Technology 23017 Datasheet HTML 6Page - Microchip Technology 23017 Datasheet HTML 7Page - Microchip Technology 23017 Datasheet HTML 8Page - Microchip Technology 23017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 1
MCP23017/MCP23S17
Features
• 16-bit remote bidirectional I/O port
- I/O pins default to input
• High-speed I2C™ interface (MCP23017)
- 100 kHz
- 400 kHz
-1.7 MHz
• High-speed SPI interface (MCP23S17)
- 10 MHz (max.)
• Three hardware address pins to allow up to eight
devices on the bus
• Configurable interrupt output pins
- Configurable as active-high, active-low or
open-drain
• INTA and INTB can be configured to operate
independently or together
• Configurable interrupt source
- Interrupt-on-change from configured register
defaults or pin changes
• Polarity Inversion register to configure the polarity
of the input port data
• External Reset input
• Low standby current: 1 µA (max.)
• Operating voltage:
- 1.8V to 5.5V @ -40°C to +85°C
- 2.7V to 5.5V @ -40°C to +85°C
- 4.5V to 5.5V @ -40°C to +125°C
Packages
• 28-pin PDIP (300 mil)
• 28-pin SOIC (300 mil)
• 28-pin SSOP
• 28-pin QFN
Package Types
QFN
2
3
4
5
6
1
7
VSS
NC
15
16
17
18
19
20
21
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
INTB
23
24
25
26
27
28
22
1011
8 9
121314
MCP23017
GPB5
GPB6
GPB7
GPB4
INTA
GPB0
GPB1
GPB2
GPB3
INTA
GPB4
NC
NC
GPB5
GPB6
GPB7
SCL
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
VSS
A2
A1
A0
SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PDIP,
INTB
RESET
SSOP
SOIC,
GPB0
GPB1
GPB2
GPB3
INTA
GPB4
SO
CS
GPB5
GPB6
GPB7
SCK
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
VSS
A2
A1
A0
SI
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INTB
RESET
QFN
2
3
4
5
6
1
7
VSS
CS
15
16
17
18
19
20
21
GPA4
GPA3
GPA2
GPA1
GPA0
VDD
INTB
23
24
25
26
27
28
22
1011
8 9
121314
MCP23S17
GPB5
GPB6
GPB7
GPB4
INTA
PDIP,
SSOP
SOIC,
16-Bit I/O Expander with Serial Interface


Similar Part No. - 23017

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23017254 HUBERSUHNER-23017254 Datasheet
445Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight PCB jack (female)
23017296 HUBERSUHNER-23017296 Datasheet
132Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23017424 HUBERSUHNER-23017424 Datasheet
163Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel cable jack (female), flange mount
23017467 HUBERSUHNER-23017467 Datasheet
482Kb / 2P
COAXIAL ADAPTER, PC 3.5 - QMA, 50 Ohm, plug / jack (male / female)
23017488 HUBERSUHNER-23017488 Datasheet
535Kb / 2P
COAXIAL ADAPTER, QMA - PC 3.5, 50 Ohm, plug / jack (male / female)
More results

Similar Description - 23017

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
8-Bit I/O Expander with Serial Interface
2005
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com