Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M25PX32-VMP6F
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 13Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 14Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 15Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 16Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 17Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 18Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 19Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 20Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
M25PX32
Operating features
17/63
As a second level of protection, the Write Protect signal (applied on the W/VPP pin) can
freeze the Status Register in a read-only mode. In this mode, the Block Protect bits (BP2,
BP1, BP0) and the Status Register Write Disable bit (SRWD) are protected. For more
details, see Section 6.5: Write Status Register (WRSR).
Table 3.
Protected area sizes
Status Register
contents
Memory content
TB
bit
BP
bit 2
BP
bit 1
BP
bit 0
Protected area
Unprotected area
0
0
0
0
none
All sectors(1) (64 sectors: 0 to 63)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are
0.
0
0
0
1
Upper 64th (Sector 63)
Lower 63/64ths (63 sectors: 0 to 62)
0
0
1
0
Upper 32nd (two sectors: 62 and 63)
Lower 31/32nds (62 sectors: 0 to 61)
0
0
1
1
Upper sixteenth (four sectors: 60 to
63)
Lower 15/16ths (60 sectors: 0 to 59)
0
1
0
0
Upper eighth (eight sectors: 56 to 63)
Lower seven-eighths (56 sectors: 0
to 55)
0
1
0
1
Upper quarter (sixteen sectors: 48 to
63)
Lower three-quarters (48 sectors: 0
to 47)
0
1
1
0
Upper half (thirty-two sectors: 32 to
63)
Lower half (32 sectors: 0 to 31)
0
1
1
1
All sectors (64 sectors: 0 to 63)
none
1
0
0
0
none
All sectors(1) (64 sectors: 0 to 63)
1
0
0
1
Lower 64th (sector 0)
Upper 63/64ths (63 sectors: 1 to 63)
1
0
1
0
Lower 32nd (two sectors: 0 and 1)
Upper 31/32ths (62 sectors: 2 to 63)
1
0
1
1
Lower 16th (four sectors: 0 to 3)
Upper 15/16ths (60 sectors: 4 to 63)
1
1
0
0
Lower 8th (eight sectors: 0 to 7)
Upper 7/8ths (56 sectors: 8 to 63)
1
1
0
1
Lower 4th (sixteen sectors: 0 to 15)
Upper 3/4ths (48 sectors: 16 to 63)
1
110
Lower half (thirty-two sectors: 0 to
31)
Upper half (32 sectors: 32 to 63)
1
1
1
1
All sectors (64 sectors: 0 to 63)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com