Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M25PX32-VMP6F
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 25Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 26Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 27Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 28Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 29Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 30Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 31Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 32Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
M25PX32
Instructions
29/63
6.4.4
TB bit
The Top/Bottom (TB) bit is non-volatile. It can be set and reset with the Write Status
Register (WRSR) instruction provided that the Write Enable (WREN) instruction has been
issued. The Top/Bottom (TB) bit is used in conjunction with the Block Protect (BP0, BP1,
BP2) bits to determine if the protected area defined by the Block Protect bits starts from the
top or the bottom of the memory array:
●
When TB is reset to ‘0’ (default value), the area protected by the Block Protect bits
starts from the top of the memory array (see Table 3: Protected area sizes)
●
When TB is set to ‘1’, the area protected by the Block Protect bits starts from the
bottom of the memory array (see Table 3: Protected area sizes)
The TB bit cannot be written when the SRWD bit is set to ‘1’ and the W pin is driven Low.
6.4.5
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W/VPP) signal. The Status Register Write Disable (SRWD) bit and the Write Protect
(W/VPP) signal allow the device to be put in the hardware protected mode (when the Status
Register Write Disable (SRWD) bit is set to ‘1’, and Write Protect (W/VPP) is driven Low). In
this mode, the non-volatile bits of the Status Register (SRWD, BP2, BP1, BP0) become
read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for
execution.
Figure 11.
Read Status Register (RDSR) instruction sequence and data-out
sequence
C
DQ0
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI13734
DQ1
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com