Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M25PX32-VMP6F
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 30Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 31Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 32Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 33Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 34Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 35Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 36Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 37Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
Instructions
M25PX32
34/63
6.8
Dual Output Fast Read (DOFR)
The Dual Output Fast Read (DOFR) instruction is very similar to the Read Data Bytes at
higher speed (FAST_READ) instruction, except that the data are shifted out on two pins (pin
DQ0 and pin DQ1) instead of only one. Outputting the data on two pins instead of one
doubles the data transfer bandwidth compared to the Read Data Bytes at higher speed
(FAST_READ) instruction.
The device is first selected by driving Chip Select (S) Low. The instruction code for the Dual
Output Fast Read instruction is followed by a 3-byte address (A23-A0) and a dummy byte,
each bit being latched-in during the rising edge of Serial Clock (C). Then the memory
contents, at that address, are shifted out on DQ0 and DQ1 at a maximum frequency fC,
during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 15.
The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out on DQ0 and DQ1. The whole
memory can, therefore, be read with a single Dual Output Fast Read (DOFR) instruction.
When the highest address is reached, the address counter rolls over to 00 0000h, so that
the read sequence can be continued indefinitely.
Figure 15.
Dual Output Fast Read instruction sequence
1.
A23 to A22 are Don't care.
2
1
3
456789 10
28 29 30 31
0
23 22 21
3
2
1
0
Mode 3
Mode 2
C
DQ0
S
DQ1
High Impedance
Instruction
24-bit address
C
DQ0
S
DQ1
32 33 34
36 37 38 39 40 41 42 43 44 45 46
753175
1
3
DATA OUT 1
Dummy byte
MSB
7
531
7531
MSB
MSB
47
6420
6
4
0
2
35
642064
0
2
MSB
MSB
DATA OUT 2
DATA OUT 3
DATA OUT n
ai13574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com