Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6F Datasheet(PDF) 42 Page - STMicroelectronics

Part # M25PX32-VMP6F
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 38Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 39Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 40Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 41Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 42Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 43Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 44Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 45Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
Instructions
M25PX32
42/63
Figure 20.
Program OTP (POTP) instruction sequence
1.
A23 to A7 are Don't care.
2.
1
≤ n ≤ 65
Figure 21.
How to permanently lock the 64 OTP bytes
C
DQ0
AI13575
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
DQ0
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-bit address
0
765432
0
1
Data byte 1
39
51
765432
0
1
Data byte 2
765432
0
1
Data byte 3
Data byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB
Byte
0
Byte
1
Byte
2
Byte
64
Byte
63
X
X
X
X
X
X
X
bit 0
OTP Control byte
64 data bytes
Bit 1 to bit 7 are NOT
programmable
When bit 0 = 0
the 64 OTP bytes
become READ only
ai13587



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com