Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMFTR Datasheet(PDF) 25 Page - Microchip Technology

Part # TC1303B-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMFTR Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC1303B-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 26Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 27Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 28Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21949B-page 25
TC1303A/TC1303B/TC1303C/TC1304
As an example, for a 3.6V input, 1.8V output with a load
of 400 mA, the efficiency taken from Figure 2-8 is
approximately 84%. The internal power dissipation is
approximately 137 mW.
5.6.2
LDO OUTPUT (VOUT2)
The
internal
power
dissipation
within
the
TC1303/TC1304 LDO is a function of input voltage,
output voltage and output current. Equation 5-7 can be
used to calculate the internal power dissipation for the
LDO.
EQUATION 5-7:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package’s maximum
internal power dissipation.
5.6.3
LDO POWER DISSIPATION
EXAMPLE
5.7
PCB Layout Information
Some basic design guidelines should be used when
physically placing the TC1303/TC1304 on a Printed
Circuit Board (PCB). The TC1303/TC1304 has two
ground pins, identified as AGND (analog ground) and
PGND (power ground). By separating grounds, it is
possible to minimize the switching frequency noise on
the LDO output. The first priority, while placing external
components on the board, is the input capacitor (CIN1).
Wiring should be short and wide; the input current for
the TC1303/TC1304 can be as high as 800 mA. The
next priority would be the buck regulator output
capacitor (COUT1) and inductor (L1). All three of these
components are placed near their respective pins to
minimize trace length. The CIN1 and COUT1 capacitor
returns are connected closely together at the PGND
plane. The LDO optional input capacitor (CIN2) and
LDO output capacitor COUT2 are returned to the AGND
plane. The analog ground plane and power ground
plane are connected at one point (shown near L1). All
other signals (SHDN1, SHDN2, feedback in the
adjustable-output case) should be referenced to AGND
and have the AGND plane underneath them.
FIGURE 5-1:
Component Placement,
Fixed 10-Pin MSOP.
There will be some difference in layout for the 10-pin
DFN package due to the thermal pad. A typical fixed-
output DFN layout is shown below. For the DFN layout,
the VIN1 to VIN2 connection is routed on the bottom of
the board around the TC1303/TC1304 thermal pad.
FIGURE 5-2:
Component Placement,
Fixed 10-Pin DFN.
Input Voltage
VIN =5V±10%
LDO Output Voltage and Current
VOUT = 3.3V
IOUT =300 mA
Internal Power Dissipation
PLDO(MAX) =(VIN(MAX) – VOUT2(MIN)) x IOUT2(MAX)
PLDO = (5.5V – 0.975 x 3.3V) x 300 mA
PLDO = 684.8 mW
P
LDO
V
IN MAX
)
() VOUT2 MIN
()
–
() I
OUT2 MAX
)
()
×
=
Where:
PLDO
= LDO Pass device internal
power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN)= LDO minimum output voltage
TC1303B
1
2
6
8
7
9
10
5
4
3
+VOUT1
PGND
+VIN1
AGND
AGND
+VOUT2
COUT1
CIN2
COUT2
CIN1
PGND Plane
AGND Plane
L1
AGND to PGND
+VIN2
* CIN2 Optional
- Via
1
2
6
8
7
9
10
5
4
3
+VOUT1
PGND
+VIN1
AGND
AGND
+VOUT2
COUT1
CIN2
COUT2
CIN1
PGND Plane
AGND Plane
L1
AGND to PGND
PGND
* CIN2 Optional
+VIN2
TC1303B
- Via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com