Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMFTR Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1303B-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMFTR Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1303B-AO2EMFTR Datasheet HTML 10Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 11Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 12Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 13Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 14Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 15Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 16Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 17Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TC1303A/TC1303B/TC1303C/TC1304
DS21949B-page 14
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable- or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-25:
VOUT2 Output Voltage vs.
Input Voltage (VOUT2 = 3.3V).
FIGURE 2-26:
VOUT2 Dropout Voltage vs.
Ambient Temperature (VOUT2 = 2.5V).
FIGURE 2-27:
VOUT2 Dropout Voltage vs.
Ambient Temperature (VOUT2 = 3.3V).
FIGURE 2-28:
VOUT2 Line Regulation vs.
Ambient Temperature.
FIGURE 2-29:
VOUT2 Load Regulation vs.
Ambient Temperature.
FIGURE 2-30:
PG Active Delay Time-out
vs. Ambient Temperature.
3.292
3.293
3.294
3.295
3.296
3.297
3.298
3.60
3.92
4.23
4.55
4.87
5.18
5.50
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 85°C
IOUT2 = 150 mA
SHDN1 = AGND
SHDN2 = VIN2
0.05
0.10
0.15
0.20
0.25
0.30
Ambient Temperature (°C)
IOUT2 = 200 mA
IOUT2 = 300 mA
SHDN1 = AGND
SHDN2 = VIN2
0.0
0.1
0.2
0.3
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
IOUT2 = 200 mA
SHDN1 = AGND
SHDN2 = VIN2
IOUT2 = 300 mA
-0.035
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VOUT2 = 3.3V
IOUT2 = 100 µA
SHDN1 = AGND
SHDN2 = VIN2
VOUT2 = 2.5V
VOUT2 = 1.5V
-0.4
-0.3
-0.2
-0.1
0.0
0.1
Ambient Temperature (°C)
VOUT2 = 3.3V
VIN2 = 3.6V
SHDN1 = AGND
SHDN2 = VIN2
VOUT2 = 2.6V
VOUT2 = 1.5V
200
225
250
275
300
325
350
-40 -25 -10
5
20
35
50
65 80
95 110 125
Ambient temperature (°C)
SHDN1 = VIN2
SHDN2 = VIN2
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com