Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMFTR Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1303B-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMFTR Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1303B-AO2EMFTR Datasheet HTML 15Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 16Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 17Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 18Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 19Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21949B-page 19
TC1303A/TC1303B/TC1303C/TC1304
3.9
Buck Regulator Input Voltage Pin
(VIN1)
VIN1 is the buck regulator power input supply pin.
Connect a variable input voltage source to VIN1.
Connect VIN1 and VIN2 together with board traces as
short as possible.
3.10
Buck Inductor Output Pin (LX)
Connect LX directly to the buck inductor. This pin
carries large signal-level current; all connections
should be made as short as possible.
3.11
Power Ground Pin (PGND)
Connect all large-signal level ground returns to PGND.
These large-signal, level ground traces should have a
small loop area and length to prevent coupling of
switching noise to sensitive traces. Please see the
physical layout information supplied in Section 5.0
“Application
Circuits/Issues”
for
grounding
recommendations.
3.12
Exposed Pad (EP)
For the DFN package, connect the EP to AGND, with
vias into the AGND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com