Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-AO2EMFTR Datasheet(PDF) 28 Page - Microchip Technology

Part # TC1303B-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-AO2EMFTR Datasheet(HTML) 28 Page - Microchip Technology

Back Button TC1303B-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 26Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 27Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 28Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 29Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 30Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 31Page - Microchip Technology TC1303B-AO2EMFTR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TC1303A/TC1303B/TC1303C/TC1304
DS21949B-page 28
© 2005 Microchip Technology Inc.
10-Lead Plastic Dual Flat No Lead Package (MF) 3x3x0.9 mm Body (DFN) – Saw Singulated
Exposed Pad Width
Exposed Pad Length
Lead Length
*Controlling Parameter
Lead Width
Drawing No. C04-063
Notes:
Exposed pad dimensions vary with paddle size.
Overall Width
D2
E2
L
b
D
.016
.012
.008
.047
.055
.010
Number of Pins
Standoff
Lead Thickness
Overall Length
Overall Height
Pitch
e
n
Units
A
A1
E
A3
Dimension Limits
10
.000
.001
.008 REF.
.031
.020 BSC
MIN
INCHES
NOM
0.40
0.25
0.30
.020
.069
.015
.096
0.18
1.20
1.39
0.50
0.30
1.75
2.45
0.02
0.80
0.20 REF.
0.50 BSC
MILLIMETERS*
.002
.039
0.00
MIN
MAX
NOM
10
0.05
1.00
MAX
3.
Package may have one or more exposed tie bars at ends.
1.
Pin 1 visual index feature may vary, but must be located within the hatched area.
2.
0.90
.035
(Note 3)
(Note 3)
4. JEDEC equivalent: Not registered
Revised 05/24/04
.112
.118
.124
2.85
3.00
3.15
3.00
.112
.118
2.85
.124
3.15
--
--
--
--
E2
D
A1
A
A3
TOP VIEW
EXPOSED
METAL
PAD
BOTTOM VIEW
21
ID INDEX
PIN 1
E
L
D2
p
b
n
AREA
(NOTE 2)
TIE BAR
(NOTE 1)
EXPOSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com