Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8745 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8745
Description  Satellite sound receiver with I2C-bus control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8745 Datasheet HTML 9Page - NXP Semiconductors TDA8745 Datasheet HTML 10Page - NXP Semiconductors TDA8745 Datasheet HTML 11Page - NXP Semiconductors TDA8745 Datasheet HTML 12Page - NXP Semiconductors TDA8745 Datasheet HTML 13Page - NXP Semiconductors TDA8745 Datasheet HTML 14Page - NXP Semiconductors TDA8745 Datasheet HTML 15Page - NXP Semiconductors TDA8745 Datasheet HTML 16Page - NXP Semiconductors TDA8745 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1996 Mar 11
13
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
Table 8
IR2 to IR0; input right; note 1
Notes
1. X = don’t care.
2. Bit PE (s2) can be set to logic 1 to change IF input 6 into digital output for external switching purposes.
IR2
i4
IR1
i3
IR0
i2
PE(2)
s2
MODE
0000
IF input IN-1 selected for right PLL
0010
IF input IN-2 selected for right PLL (after POR)
0100
IF input IN-3 selected for right PLL.
0110
IF input IN-4 selected for right PLL
1000
IF input IN-5 selected for right PLL
1010
IF input IN-6 selected for right PLL
1100
no selection
1110
no selection
X
0
0
1
IF input IN-1 selected for right PLL
X
0
1
1
IF input IN-2 selected for right PLL
X
1
0
1
IF input IN-3 selected for right PLL
X
1
1
1
IF input IN-4 selected for right PLL
0
X
X
1
IF input IN-6 used as output; 0 = 0 V
1
X
X
1
IF input IN-6 used as output; 1 = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com