Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8745 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8745
Description  Satellite sound receiver with I2C-bus control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8745 Datasheet HTML 22Page - NXP Semiconductors TDA8745 Datasheet HTML 23Page - NXP Semiconductors TDA8745 Datasheet HTML 24Page - NXP Semiconductors TDA8745 Datasheet HTML 25Page - NXP Semiconductors TDA8745 Datasheet HTML 26Page - NXP Semiconductors TDA8745 Datasheet HTML 27Page - NXP Semiconductors TDA8745 Datasheet HTML 28Page - NXP Semiconductors TDA8745 Datasheet HTML 29Page - NXP Semiconductors TDA8745 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
1996 Mar 11
26
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
BASEBAND IN
3
VP1
4
IF OUT
5
SYNGND
6
IN-5
7
SYMBOL
PIN
EQUIVALENT CIRCUIT
3
MLD096
12.5 k
Ω
2.5 V
4V
MLD060
P1
5
MLD061
MLD062
6
SYNGND
MLD063
7
275
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com